công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HSP9501 bảng dữ liệu(PDF) 4 Page - Renesas Technology Corp

tên linh kiện HSP9501
Giải thích chi tiết về linh kiện  Programmable Data Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSP9501 bảng dữ liệu(HTML) 4 Page - Renesas Technology Corp

  HSP9501 Datasheet HTML 1Page - Renesas Technology Corp HSP9501 Datasheet HTML 2Page - Renesas Technology Corp HSP9501 Datasheet HTML 3Page - Renesas Technology Corp HSP9501 Datasheet HTML 4Page - Renesas Technology Corp HSP9501 Datasheet HTML 5Page - Renesas Technology Corp HSP9501 Datasheet HTML 6Page - Renesas Technology Corp HSP9501 Datasheet HTML 7Page - Renesas Technology Corp HSP9501 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
HSP9501
FN2786 Rev 5.00
Page 4 of 8
Aug 2004
Functional Description
The HSP9501 is a 10-bit wide programmable length data
buffer. The length of delay is programmable from 2 to 1281
delays in single delay increments.
Data into the delay line may be selected from the data input
bus (DI0-9) or as recirculated output, depending on the state of
the mode select (MODSEL) control input.
Mode Select
The MODSEL control pin selects the source of the data moving
into the delay line. When MODSEL is low, the data input bus
(DI0-9) is the source of the data. When MODSEL is high, the
output of the HSP9501 is routed back to the input to form a
circular buffer.
The MODSEL control line is latched at the input by the CLK
signal. The edge which latches this control signal is deter-
mined by the CLKSEL control line. In either case, the MODSEL
line is latched on one edge of the CLK signal with the following
edge moving data into and through the HSP9501. Refer to the
functional timing waveforms for specific timing references.
Clock Select Logic
The clock select logic is provided to allow the use of positive or
negative edge system clocks. The active edge of the CLK input
to the HSP9501 is controlled through the use of the CLKSEL
input.
When CLKSEL is low, the negative going edge of CLK is used
to control all internal operations. A high on CLKSEL selects the
positive going edge of CLK.
All synchronous timing (i.e., setup, hold and output
propagation delay times are relative to the CLK edge selected
by CLKSEL. Functional timing waveforms for each state of
CLKSEL are provided (refer to Timing Waveforms for details).
Delay Path Control
The HSP9501 buffer length is programmable from 2 to 1281
data words in one word increments. The minimum number of
delays which can be programmed is two, consisting of the
input and Output Buffer Registers only.
The length control inputs (LC0-10) are used to set the length of
the programmable delay ram which can vary in length from 0 to
1279. The total length of the HSP9501 data buffer will then be
equal to the programmed value on LC0-10 plus 2. The
programmed delay is established by the 11-bit integer value of
the LC0-10 inputs with LC-10 as the MSB and LC0 as the LSB.
For example,
programs a length value of 26 + 20 = 65. The total length of the
delay will be 65 + 2 or 67 delays.
Table 1 indicates several programming values. The decimal
value placed on LC0-10 must not exceed 1279. Controlled
operation with larger values is not guaranteed.
Values on LC0-10 are latched on the CLK edge selected by the
CLKSEL control line, when LCEN is active. LC0-10 and LCEN
must meet the specified setup and hold times relative to the
selected CLK edge for proper device operation.
LC10
9
8
7
6
5
4
3
2
1
LC0
0
0
0
0
1
0
0
0
0
0
1
TABLE 1. LENGTH CONTROL PROGRAMMING EXAMPLES
LC10 210
LC9
29
LS8
28
LC7
27
LC6
26
LC5
25
LC4
24
LC3
23
LC2
22
LC1
21
LC0
20
PROGRAMMED
LENGTH
TOTAL
LENGTH
N
0
0
0
0
0
0
0
0
0
0
0
0
2
0
0
0
0
1
1
1
0
1
1
0
118
120
0
1
1
0
0
1
0
1
0
0
0
808
810
1
0
0
0
0
0
1
1
0
0
1
1049
1051
1
0
0
1
1
1
1
1
1
1
1
1279
1281



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com