công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL5571A bảng dữ liệu(PDF) 10 Page - Renesas Technology Corp

tên linh kiện ISL5571A
Giải thích chi tiết về linh kiện  Access High Voltage Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL5571A bảng dữ liệu(HTML) 10 Page - Renesas Technology Corp

Back Button ISL5571A Datasheet HTML 4Page - Renesas Technology Corp ISL5571A Datasheet HTML 5Page - Renesas Technology Corp ISL5571A Datasheet HTML 6Page - Renesas Technology Corp ISL5571A Datasheet HTML 7Page - Renesas Technology Corp ISL5571A Datasheet HTML 8Page - Renesas Technology Corp ISL5571A Datasheet HTML 9Page - Renesas Technology Corp ISL5571A Datasheet HTML 10Page - Renesas Technology Corp ISL5571A Datasheet HTML 11Page - Renesas Technology Corp ISL5571A Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ISL5571A
FN4920 Rev 5.00
Page 10 of 12
Jul 2004
The DC current limiting response has a negative temperature
coefficient. As the temperature of the device increases the DC
current limit of the switch will decrease. This is illustrated in
Figure 4.
Figure 4 shows the V-I curves of a switch at two different die
temperatures, T1 and T2. In this illustration T2 is greater in
temperature than T1. This shows that when a switch is driven
into current limit and held there, the current limit will decrease
over time as the switch temperature increases. If the power
through the switch is great enough, the temperature of the
switch will continue to increase until the switch goes into
thermal shutdown (Thermal Shutdown is described below).
Dynamic Current Limiting Response
The DC current limit response described above pertains to DC
and AC voltage sources applied across the switches. The
dynamic response is the response of the current limit circuit to
a fast or high dv/dt pulse. The dynamic response would be
seen, for example, during a lightning surge
Figure 5 shows the dynamic response that is observed when
SW1, SW2 or SW3 is surged with a 1000V at 10/1000
s
telecom surge pulse. (Note: This surge test is done with the
switch in the on state and with the appropriate external
secondary protection in place.) The dynamic current limit of
SW1, SW2 or SW3 will limit the current through the switch to
less than 2.0A for 0.5
s as shown in Figure 5. Once the switch
has turned off, the voltage at the TLine and RLine terminals will
increase to a point where the external secondary protection
device will trigger and crowbar the voltage at TLine and RLine
to a low voltage, protecting the ISL5571A against damage.
Since the Line Break switches (SW1, SW2) have this dynamic
current limit feature, the internal over-voltage protection
clamping circuit of the ISL5571A device will need to only
protect the SLIC against a 2.0A
0.5s pulse during a lightning
surge.
Thermal Shutdown (TSD)
The ISL5571A has a built in thermal shutdown protection
circuit. The thermal shutdown protection mechanism is invoked
if a fault condition causes the junction temperature of the die to
exceed about 150°C. Once the thermal limit is exceeded the
thermal shutdown circuitry will force the switches into an All
OFF state, regardless of the logic inputs. While in thermal
shutdown the TSD logic pin (pin 11) will be driven low by the
thermal shutdown circuit. (Note: During normal operation the
TSD pin is high.) The thermal shutdown mechanism was
designed to have a thermal hysteresis of about 12°C. Once in
thermal shutdown the device will begin to cool down, because
all the switches are off and no current flows. When the
temperature of the die cools to about 138°C the ISL5571A will
cycle out of thermal shutdown and the switches will close
again. If the fault condition is still present, the temperature of
the die will again increase and this cycle will be repeated.
Over Voltage Protection Clamping Circuit
The ISL5571A contains an over-voltage clamping circuit on the
SLIC side of the Line Break switches, see Figure 1. This
clamping circuit consists of a diode bridge and SCR. During
lightning surges and power-cross fault conditions this circuit
will clamp the voltage at the TBAT and RBAT terminals of the
SLIC to a safe level and will shunt harmful currents to ground
away from the SLIC.
The clamping circuit is externally connected to ground through
the FGND pin (pin 1) of the device. The battery voltage of the
SLIC is connected to the clamping circuit through the VBAT pin
(pin 16) of the device. The operation of diode bridge and the
SCR circuit is described below.
DIODE BRIDGE WITH SCR (ISL5571A)
During a positive lightning surge or during the positive cycle of
a power-cross / induction fault, the voltage at the TBAT and
RBAT terminals of the SLIC will be clamped to a diode drop
above ground. The fault current will flow harmlessly through
diodes D1 and D2 of the diode bridge to ground (see Figure 1).
During a negative lightning surge or during the negative cycle
of a power-cross / induction fault when the voltage at the TBAT
and RBAT terminals reach 2V to 4V more negative than the
VBAT voltage, the protection SCR will trigger and turn on.
When the SCR turns on and latches, it will crowbar the voltage
at the TBAT and RBAT lines to a low-voltage state,
approximately 3 diode drops below ground. This low-voltage
on state will cause the current resulting from the over voltage
to be safely direct to ground through diodes D3 and D4 of the
diode bridge and the SCR (see Figure 1). Once the fault
current decrease below the protection SCR holding current
(110mA) the SCR will turn off and the SLIC will be able to
return to normal operation.
VBAT Fault Circuit Protection - Loss of Battery
Voltage
The ISL5571A device contains a VBAT fault circuit which
monitors the SLIC battery voltage (VBAT). When this circuit
detects that the VBAT voltage has risen above -10V, it will
cause the ISL5571A to enter the All OFF state. All the switches
will remain off (open) until the circuit detects that the SLIC
battery voltage has dropped below -15V.
Design Considerations
External Protection
Subscriber line card circuits using the ISL5571A require the
use of an external protection circuit on the loop side or phone
side of the device, see Figure 1. This protection is required to
minimize the power stress on the ISL5571A during overvoltage
and overcurrent conditions. When the proper external
protection circuitry is used in conjunction with the integrated
secondary protection, features offered by the ISL5571A, the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com