| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HTMS8301FTK/AF bảng dữ liệu(PDF) 17 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HTMS8301FTK/AF bảng dữ liệu(HTML) 17 Page - NXP Semiconductors |
|
17 / 44 page ![]() 184430 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2010. All rights reserved. Product data sheet PUBLIC Rev. 3.0 — 18 March 2010 184430 17 of 44 NXP Semiconductors HITAG µ ISO 18000 transponder IC 12. State diagram 12.1 General description of states RF Off The powering magnetic field is switched off or the HITAG µ ISO 18000 transponder IC is out of the field. READY The HITAG µ ISO 18000 transponder IC enters this state when it is activated by the RWD. SELECTED The HITAG µ ISO 18000 transponder IC enters the Selected state after receiving the SELECT command with a matching UII. In the Selected state the respective commands with SEL=1 are valid only for selected transponder. Only one HITAG µ transponder IC should be in the selected state at one time. If one transponder is selected and a second transponder receives the SELECT Command, the first transponder will automatically change to Quiet state. QUIET The HITAG µ ISO 18000 transponder IC enters this state after receiving a STAY QUIET command or when he was in selected state and receives a SELECT command addressed to another transponder. In this state, the HITAG µ transponder IC reacts to any request commandos where the ADR flag is set. Remark: In case of an invalid command the transponder will remain in his actual state. |