| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HTMS8301FTB/AF bảng dữ liệu(PDF) 34 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HTMS8301FTB/AF bảng dữ liệu(HTML) 34 Page - NXP Semiconductors |
|
34 / 44 page ![]() 184430 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2010. All rights reserved. Product data sheet PUBLIC Rev. 3.0 — 18 March 2010 184430 34 of 44 NXP Semiconductors HITAG µ ISO 18000 transponder IC 18. Marking 18.1 Marking SOT1122 18.2 Marking HVSON2 Only two lines are available for marking (Figure 14). First line consists on five digits and contains the diffusion lot number. Second line consists on four digits and describes the product type, HTSH5601ETK or HTSH4801ETK (see example in Table 37). Table 35. Marking SOT1122 Type Type code HTMS1301FTB/AF 13 HTMS8301FTB/AF 83 Table 36. Pin description SOT1122 Pin Description 1IN 1 2IN 2 3 n.c not connected Fig 14. Marking overview Table 37. Marking example Line Marking Description A 70960 5 digits, Diffusion Lot Number, First letter truncated B HM10 4 digits, Type: Table 38 “Marking HVSON2” Table 38. Marking HVSON2 Type Type code HTMS1301FTK/AF HM13 HTMS8301FTK/AF HM82 03 A : 5 B: 4 |