| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ICS8546-01 bảng dữ liệu(PDF) 3 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICS8546-01 bảng dữ liệu(HTML) 3 Page - Renesas Technology Corp |
|
3 / 20 page ![]() ICS8546-01 Data Sheet LOW SKEW, 1-TO 6, CRYSTAL-TO-LVDS FANOUT BUFFER ICS8546AG-01 REVISION A FEBRUARY 25, 2011 3 ©2011 Integrated Device Technology, Inc. Function Tables Table 3. Control Input Function Table After CLK_EN switches, the clock outputs are disabled or enabled following a rising and falling input clock edge as shown in Figure 1. Figure 1. CLK_EN Timing Diagram Inputs Outputs CLK_EN CLK_SEL1 CLK_SEL0 Selected Source Q0:Q5 nQ0:nQ5 0 0 0 XTAL Disabled Disabled 0 0 1 CLK0 Disabled Disabled 0 1 X CLK1/nCLK1 Disabled Disabled 1 0 0 XTAL Enabled Enabled 1 0 1 CLK0 Enabled Enabled 1 1 X CLK1/nCLK1 Enabled Enabled Enabled Disabled nCLK1 CLK_EN nQ0:nQ5 Q0:Q5 CLK0, CLK1, XTAL |