| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ICS841664I bảng dữ liệu(PDF) 10 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICS841664I bảng dữ liệu(HTML) 10 Page - Renesas Technology Corp |
|
10 / 20 page ![]() ICS841664AGI REVISION A JULY 15, 2013 10 ©2013 Integrated Device Technology, Inc. ICS841664I Data Sheet FEMTOCLOCK® CRYSTAL-TO-HCSL CLOCK GENERATOR Parameter Measurement Information, continued SE Measurement Points For Absolute Cross Point/Swing Applications Information Recommendations for Unused Input and Output Pins Inputs: Crystal Inputs For applications not requiring the use of the crystal oscillator input, both XTAL_IN and XTAL_OUT can be left floating. Though not required, but for additional protection, a 1k resistor can be tied from XTAL_IN to ground. REF_CLK Input For applications not requiring the use of the reference clock, it can be left floating. Though not required, but for additional protection, a 1k resistor can be tied from the REF_CLK to ground. LVCMOS Control Pins All control pins have internal pullups and pulldowns; additional resistance is not required but can be added for additional protection. A 1k resistor can be used. Outputs: HCSL Outputs All unused HCSL outputs can be left floating. We recommend that there is no trace attached. Both sides of the differential output pair should either be left floating or terminated. LVCMOS Outputs The unused LVCMOS output can be left floating. There should be no trace attached. = -0.30V |