công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HIP0082AB bảng dữ liệu(PDF) 9 Page - Renesas Technology Corp

tên linh kiện HIP0082AB
Giải thích chi tiết về linh kiện  Quad Power Drivers with Serial Diagnostic Interface
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP0082AB bảng dữ liệu(HTML) 9 Page - Renesas Technology Corp

Back Button HIP0082AB Datasheet HTML 3Page - Renesas Technology Corp HIP0082AB Datasheet HTML 4Page - Renesas Technology Corp HIP0082AB Datasheet HTML 5Page - Renesas Technology Corp HIP0082AB Datasheet HTML 6Page - Renesas Technology Corp HIP0082AB Datasheet HTML 7Page - Renesas Technology Corp HIP0082AB Datasheet HTML 8Page - Renesas Technology Corp HIP0082AB Datasheet HTML 9Page - Renesas Technology Corp HIP0082AB Datasheet HTML 10Page - Renesas Technology Corp HIP0082AB Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
HIP0082, HIP0084
FN3643 Rev 4.00
Page 9 of 11
May 1998
Power Small Outline Plastic Package (PSOP)
E2
1
2
3
E
2 PLACES
D1
E1
-B-
E3
N
D
b
SEATING
A
-C-
-A-
A1
SEE DETAIL "A"
A2
C
0.10
SECTION "B-B"
b
b1
c1
c
3.10 REF.
SEATING
PLANE
DETAIL "A"
B
B
0-8o
1.60 REF.
GAUGE
L
0.15
REF.
A3
HEAT
PLANE
SLUG
L1
PLANE
-H-
e
M20.433
20 LEAD POWER SMALL OUTLINE PLASTIC
PACKAGE
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
0.122
0.142
3.10
3.60
-
A1
0.004
0.012
0.10
0.30
-
A2
0.118
0.130
3.00
3.30
-
A3
0.000
0.004
0.00
0.10
-
b
0.016
0.021
0.40
0.53
6, 7
b1
0.016
0.020
0.40
0.50
6, 7
c
0.009
0.013
0.23
0.32
7
c1
0.009
0.011
0.23
0.29
7
D
0.622
0.630
15.80
16.00
3
D1
0.496
0.512
12.60
13.00
-
D2
-
0.043
-
1.10
-
E
0.547
0.571
13.90
14.50
-
E1
0.429
0.437
10.90
11.10
4
E2
-
0.114
-
2.90
-
E3
0.228
0.244
5.80
6.20
-
e
0.050 BSC
1.27 BSC
-
L
0.031
0.043
0.80
1.10
5
L1
0.014 BSC
0.35 BSC
-
N20
20
-
Rev. 0 3/96
NOTES:
1. Dimensioning and tolerancing per ANSI Y14.5M-1982.
2. "C" is a reference datum. Seating plane is defined by
lead tips only.
3. Dimension D does not include mold flash, protrusions
or gate burrs. Mold flash, protrusions or gate burrs
shall not exceed 0.15 per side. D measured at -H-.
4. Dimension E1 does not include interlead flash or pro-
trusion. Interlead flash or protrusion shall not exceed
0.15 per side. E1 measured at -H-.
5. Dimension "L" is the length of terminal for soldering to
a substrate.
6. The lead width dimension does not include dambar
protrusion. Allowable dambar protrusion shall be
0.08mm total in excess of the lead width dimension at
maximum material condition.
7. Section "B-B" to be determined at 0.10mm to 0.25mm
from the lead tip.
8. Controlling dimension: MILLIMETER.
9. Dimensions conform with JEDEC Outline MO-166AA
Issue B.
17.15
LAND PATTERN
N
1
13.92
4.22
1.52
0.71
2.87
e
7.26
4.09
2.21
4.09



Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com