công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HIP0082AS1 bảng dữ liệu(PDF) 1 Page - Renesas Technology Corp

tên linh kiện HIP0082AS1
Giải thích chi tiết về linh kiện  Quad Power Drivers with Serial Diagnostic Interface
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP0082AS1 bảng dữ liệu(HTML) 1 Page - Renesas Technology Corp

  HIP0082AS1 Datasheet HTML 1Page - Renesas Technology Corp HIP0082AS1 Datasheet HTML 2Page - Renesas Technology Corp HIP0082AS1 Datasheet HTML 3Page - Renesas Technology Corp HIP0082AS1 Datasheet HTML 4Page - Renesas Technology Corp HIP0082AS1 Datasheet HTML 5Page - Renesas Technology Corp HIP0082AS1 Datasheet HTML 6Page - Renesas Technology Corp HIP0082AS1 Datasheet HTML 7Page - Renesas Technology Corp HIP0082AS1 Datasheet HTML 8Page - Renesas Technology Corp HIP0082AS1 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
FN3643 Rev 4.00
Page 1 of 11
May 1998
FN3643
Rev 4.00
May 1998
HIP0082, HIP0084
Quad Power Drivers with Serial Diagnostic Interface
DATASHEET
Features
• Low Side Power MOSFET Output Drivers
- Output Voltage Clamp (Typ) . . . . . . . . . . . . . . . . . 80V
- Maximum Output Current . . . . . . . . . . . . . . . . 5A/2A
-Output rDS(ON) (TJ = 150oC) (Max) . . . . 0.57/0.62
• Controlled Slew Rate Switching (HIP0084)
• Single Pulse Energy Rating . . . . . . . . . . . . . . . . . 70mJ
• Programmable Output Over Current Shutdown Threshold
- Bit Select 2A or 5A on Outputs 3 and 4
• Output Protection
- Output Over Current Shutdown
- Output Over Voltage Clamp
- Over Temperature Diagnostic Feedback
• Diagnostics for Shorts, Opens and Over Temperature
• Synchronous Serial Interface with
- 22-Bit Serial Diagnostic Register
- SPI Compatible Interface
• Single 5V Supply Operation with CMOS Logic Inputs
• Supply Current, ICC, Full Load (Typ) . . . . . . . . .<10mA
•Low
JC Power SIP Packages
SIP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3oC/W
PSOP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2oC/W
•-40oC to 125oC Operating Temperature
Applications
Description
The HIP0082 and HIP0084 Quad Power Drivers contain four
individually protected NDMOS transistor switches to drive
inductive and resistive loads such as: fuel injectors, relays,
solenoids, etc. The outputs are low-side switches driven by
active-low CMOS logic inputs. Each output is protected
against excessive current due to a short-circuit. Internal
drain-to-gate zener diodes provide output clamping for over
voltage. An integrated charge pump allows operation from a
single 5V logic supply. Diagnostic circuits provide ground
short (SG), supply short (SC) and open load (OL) detection
for each of the four output stages and indicate over tempera-
ture. Diagnostic information may be read via a synchronous
serial interface. Six bits of write/store data sets a long or
short OL fault delay time for each output and sets Outputs 3
and 4 to a 2A or 5A current shutdown threshold. The
HIP0084 is specified with controlled slew rate switching.
Both types are fabricated in a Power BiMOS IC process and
are intended for use in automotive and other applications with a
wide range of temperature and electrical stress. They are par-
ticularly suited for driving high-current inductive loads requiring
high breakdown voltage and high output current. Both types
available in the 15 lead Power SIP or 20 lead PSOP packages
with low thermal resistance for high power applications.
Pinouts
•Drivers For
•System Use
- Solenoids
-Injectors
- Automotive
-Relays
-Steppers
- Appliances
- Power Output
-Motors
- Industrial
-Lamps
-Displays
- Robotics
Ordering Information
PART
NUMBER
TEMP.
RANGE(
C)
PACKAGE
PKG.
NO.
HIP0082AS1
-40 to 125
15 Ld SIP
Z15.05A
HIP0084AS1
-40 to 125
15 Ld SIP
Z15.05A
HIP0082AS2
-40 to 125
15 Ld SIP
Z15.05B
HIP0082AB
-40 to 125
20 Ld PSOP
M20.433
HIP0084AB
-40 to 125
20 Ld PSOP
M20.433
HIP0082, HIP0084 (SIP)
TOP VIEW
HIP0082, HIP0084 (PSOP W/HEAT SLUG)
TOP VIEW
OUT4
OUT2
CLK
TXD
GND (VSS)
VCC
OUT1
OUT3
HEAT SINK TAB INTERNALLY CONNECTED
TO PIN 8 GROUND (VSS)
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
IN4
IN2
CS
RST
R/W
IN1
IN3
INTEGRAL COPPER
HEAT SINK ‘SLUG’
FOR PCB CONTACT
OR EXT. HEAT SINK
GND (SLUG)
IN4
OUT4
IN2
GND (VSS)
OUT2
CS
CLK
TXD
GND (SLUG)
GND (SLUG)
IN3
OUT3
IN1
GND (VSS)
OUT1
R/W
VCC
RST
GND (SLUG)
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10


Số phần tương tự - HIP0082AS1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
HIP0082AS1 INTERSIL-HIP0082AS1 Datasheet
90Kb / 12P
Quad Power Drivers with Serial Diagnostic Interface
May 1998
More results

Mô tả tương tự - HIP0082AS1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
CA3272A INTERSIL-CA3272A Datasheet
91Kb / 10P
Quad-Gated Inverting Power Drivers with Fault Mode Diagnostic Flag Output
July 1997
HIP0080 INTERSIL-HIP0080 Datasheet
115Kb / 15P
Quad Inverting Power Drivers with Serial Diagnostic Interface
September 1998
HIP0082 INTERSIL-HIP0082 Datasheet
90Kb / 12P
Quad Power Drivers with Serial Diagnostic Interface
May 1998
logo
Maxim Integrated Produc...
MAX5250 MAXIM-MAX5250 Datasheet
134Kb / 16P
Low-Power, Quad, 10-Bit Voltage-Output DAC with Serial Interface
Rev 0; 12/96
MAX5742 MAXIM-MAX5742 Datasheet
676Kb / 15P
12-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface
Rev 2; 7/03
logo
Intersil Corporation
HIP0080 INTERSIL-HIP0080_00 Datasheet
147Kb / 14P
Quad Inverting Power Drivers with Serial Diagnostic Interface
November 2000
logo
Cypress Semiconductor
CY24488 CYPRESS-CY24488 Datasheet
292Kb / 15P
Quad PLL Clock Generator with Serial Interface (I2C)
logo
Maxim Integrated Produc...
MAX5500 MAXIM-MAX5500 Datasheet
219Kb / 14P
Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 11/08
MAX5500 MAXIM-MAX5500_09 Datasheet
289Kb / 15P
Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 4/09
logo
Renesas Technology Corp
HIP0080 RENESAS-HIP0080 Datasheet
750Kb / 14P
Quad Inverting Power Drivers with Serial Diagnostic Interface
November 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com