công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HA5025EVAL bảng dữ liệu(PDF) 2 Page - Renesas Technology Corp

tên linh kiện HA5025EVAL
Giải thích chi tiết về linh kiện  Quad, 560MHz, Low Power, Video Operational Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA5025EVAL bảng dữ liệu(HTML) 2 Page - Renesas Technology Corp

  HA5025EVAL Datasheet HTML 1Page - Renesas Technology Corp HA5025EVAL Datasheet HTML 2Page - Renesas Technology Corp HA5025EVAL Datasheet HTML 3Page - Renesas Technology Corp HA5025EVAL Datasheet HTML 4Page - Renesas Technology Corp HA5025EVAL Datasheet HTML 5Page - Renesas Technology Corp HA5025EVAL Datasheet HTML 6Page - Renesas Technology Corp HA5025EVAL Datasheet HTML 7Page - Renesas Technology Corp HA5025EVAL Datasheet HTML 8Page - Renesas Technology Corp HA5025EVAL Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
HFA1405
FN3604 Rev 9.00
Page 2 of 15
March 1, 2005
Absolute Maximum Ratings TA =25oC
Thermal Information
Voltage Between V+ and V-. . . . . . . . . . . . . . . . . . . . . . . . . . . . 11V
DC Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VSUPPLY
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V
Output Current (Note 2) . . . . . . . . . . . . . . . . .Short Circuit Protected
30mA Continuous
60mA
 50% Duty Cycle
ESD Rating
Human Body Model (Per MIL-STD-883 Method 3015.7) . . . 600V
Operating Conditions
Temperature Range. . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to 85oC
Thermal Resistance (Typical, Note 1)
JA (oC/W)
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
120
PDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
90
Maximum Junction Temperature (Die). . . . . . . . . . . . . . . . . . . 175oC
Maximum Junction Temperature (Plastic Package) . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1.
JA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
2. Output is short circuit protected to ground. Brief short circuits to ground will not degrade reliability, however continuous (100% duty cycle) output
current must not exceed 30mA for maximum reliability.
Electrical Specifications VSUPPLY = 5V, AV =+1, RF = 510 RL = 100Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
(NOTE 4)
TEST
LEVEL
TEMP(
oC)
HFA1405IB (SOIC)
HFA1405IP (PDIP)
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
INPUT CHARACTERISTICS
Input Offset Voltage
A
25
-
2
5
-
2
5
mV
AFull
-
3
8
-
3
8
mV
Average Input Offset
Voltage Drift
B
Full
-
110
-
110
V/oC
Input Offset Voltage
Common-Mode Rejection Ratio
VCM = 1.8V
A
25
45
48
-
45
48
-
dB
VCM = 1.8V
A
85
43
46
-
43
46
-
dB
VCM = 1.2V
A
-40
43
46
-
43
46
-
dB
Input Offset Voltage
Power Supply Rejection
Ratio
VPS = 1.8V
A
25
48
52
-
48
52
-
dB
VPS = 1.8V
A
85
46
48
-
46
48
-
dB
VPS = 1.2V
A
-40
46
48
-
46
48
-
dB
Non-Inverting Input Bias Current
A
25
-
6
15
-
6
15
A
A
Full
-
10
25
-
10
25
A
Non-Inverting Input Bias Current
Drift
B
Full
-
560
-
560
nA/oC
Non-Inverting Input Bias Current
Power Supply
Sensitivity
VPS = 1.8V
A
25
-
0.5
1
-
0.5
1
A/V
VPS = 1.8V
A
85
-
0.8
3
-
0.8
3
A/V
VPS = 1.2V
A
-40
-
0.8
3
-
0.8
3
A/V
Non-Inverting Input
Resistance
VCM = 1.8V
A
25
0.8
1.2
-
0.8
1.2
-
M
VCM = 1.8V
A
85
0.5
0.8
-
0.5
0.8
-
M
VCM = 1.2V
A
-40
0.5
0.8
-
0.5
0.8
-
M
Inverting Input Bias Current
A
25
-
2
7.5
-
2
7.5
A
A
Full
-
515
-
515
A
Inverting Input Bias Current Drift
B
Full
-
60
200
-
60
200
nA/oC
Inverting Input Bias Current
Common-Mode Sensitivity
VCM = 1.8V
A
25
-
3
6
-
3
6
A/V
VCM = 1.8V
A
85
-
4
8
-
4
8
A/V
VCM = 1.2V
A
-40
-
4
8
-
4
8
A/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com