công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DSPIC30F bảng dữ liệu(PDF) 225 Page - Microchip Technology

tên linh kiện DSPIC30F
Giải thích chi tiết về linh kiện  General Purpose and Sensor Families High-Performance Digital Signal Controllers
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F bảng dữ liệu(HTML) 225 Page - Microchip Technology

Back Button DSPIC30F Datasheet HTML 221Page - Microchip Technology DSPIC30F Datasheet HTML 222Page - Microchip Technology DSPIC30F Datasheet HTML 223Page - Microchip Technology DSPIC30F Datasheet HTML 224Page - Microchip Technology DSPIC30F Datasheet HTML 225Page - Microchip Technology DSPIC30F Datasheet HTML 226Page - Microchip Technology DSPIC30F Datasheet HTML 227Page - Microchip Technology DSPIC30F Datasheet HTML 228Page - Microchip Technology DSPIC30F Datasheet HTML 229Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 248 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS70083G-page 223
dsPIC30F
24.0 PACKAGING INFORMATION
24.1
Package Marking Information
XXXXXXXXXXXXXXXXX
YYWWNNN
28-Lead PDIP
Example
XXXXXXXXXXXXXXXXX
18-Lead PDIP
Example
18-Lead SOIC
Example
0348017
dsPIC30F2012-30I/SP
XXXXXXXXXXXXXXXXX
XXXXXXXXXXXXXXXXX
YYWWNNN
dsPIC30F3012-30I/P
0348017
YYWWNNN
XXXXXXXXXXXX
XXXXXXXXXXXX
XXXXXXXXXXXX
0348017
-30I/SO
dsPIC30F2011
Legend: XX...X
Customer specific information*
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line thus limiting the number of available characters
for customer specific information.
* Standard device marking consists of Microchip part number, year code, week code, and traceability code.
For device marking beyond this, certain price adders apply. Please check with your Microchip Sales Office.
For QTP devices, any special marking adders are included in QTP price.
28-Lead SOIC (.300”)
XXXXXXXXXXXXXXXXXXXX
XXXXXXXXXXXXXXXXXXXX
XXXXXXXXXXXXXXXXXXXX
YYWWNNN
Example
PIC30F2012-30I/SO
0310017



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More