| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HCTS32HMSR bảng dữ liệu(PDF) 2 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HCTS32HMSR bảng dữ liệu(HTML) 2 Page - Renesas Technology Corp |
|
2 / 8 page ![]() HCTS32MS FN2248 Rev 2.00 Page 2 of 8 September 1995 Absolute Maximum Ratings Reliability Information Supply Voltage (VCC). . . . . . . . . . . . . . . . . . . . . . . . . . -0.5 to +7.0V Input Voltage Range, All Inputs . . . . . . . . . . . . .-0.5V to VCC +0.5V DC Input Current, Any One Input 10mA DC Drain Current, Any One Output 25mA (All Voltage Reference to the VSS Terminal) Storage Temperature Range (TSTG) . . . . . . . . . . . -65oC to +150oC Lead Temperature (Soldering 10sec) . . . . . . . . . . . . . . . . . . +265oC Junction Temperature (TJ) . . . . . . . . . . . . . . . . . . . . . . . . . . +175oC ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 1 Thermal Resistance JA JC SBDIP Package. . . . . . . . . . . . . . . . . . . . 74oC/W 24oC/W Ceramic Flatpack Package . . . . . . . . . . . 116oC/W 30oC/W Maximum Package Power Dissipation at +125oC Ambient SBDIP Package. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.68W Ceramic Flatpack Package . . . . . . . . . . . . . . . . . . . . . . . . . 0.43W If device power exceeds package dissipation capability, provide heat sinking or derate linearly at the following rate: SBDIP Package. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13.5mW/oC Ceramic Flatpack Package . . . . . . . . . . . . . . . . . . . . . . 8.6mW/oC CAUTION: As with all semiconductors, stress listed under “Absolute Maximum Ratings” may be applied to devices (one at a time) without resulting in permanent damage. This is a stress rating only. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. The conditions listed under “Electrical Performance Characteristics” are the only conditions recommended for satisfactory device operation.. Operating Conditions Supply Voltage (VCC). . . . . . . . . . . . . . . . . . . . . . . . +4.5V to +5.5V Input Rise and Fall Times at VCC = 4.5V (TR, TF) . . . 100ns/V Max Operating Temperature Range (TA) . . . . . . . . . . . . -55oC to +125oC Input Low Voltage (VIL). . . . . . . . . . . . . . . . . . . . . . . . . 0.0V to 0.8V Input High Voltage (VIH) . . . . . . . . . . . . . . . . . . . . . . .VCC/2 to VCC TABLE 1. DC ELECTRICAL PERFORMANCE CHARACTERISTICS PARAMETER SYMBOL (NOTE 1) CONDITIONS GROUP A SUB- GROUPS TEMPERATURE LIMITS UNITS MIN MAX Quiescent Current ICC VCC = 5.5V, VIN = VCC or GND 1+25oC- 10 A 2, 3 +125oC, -55oC - 200 A Output Current (Sink) IOL VCC = 4.5V, VIH = 4.5V, VOUT = 0.4V, VIL = 0V (Note 3) 1+25oC4.8 - mA 2, 3 +125oC, -55oC4.0 - mA Output Current (Source) IOH VCC = 4.5V, VIH = 4.5V, VOUT = VCC -0.4V, VIL = 0V (Note 3) 1+25oC-4.8 - mA 2, 3 +125oC, -55oC-4.0 - mA Output Voltage Low VOL VCC = 4.5V, VIH = 2.25V, IOL = 50 A, VIL = 0.8V 1, 2, 3 +25oC, +125oC, -55oC- 0.1 V VCC = 5.5V, VIH = 2.75V, IOL = 50 A, VIL = 0.8V 1, 2, 3 +25oC, +125oC, -55oC- 0.1 V Output Voltage High VOH VCC = 4.5V, VIH = 2.25V, IOH = -50 A, VIL = 0.8V 1, 2, 3 +25oC, +125oC, -55oCVCC -0.1 -V VCC = 5.5V, VIH = 2.75V, IOH = -50 A, VIL = 0.8V 1, 2, 3 +25oC, +125oC, -55oCVCC -0.1 -V Input Leakage Current IIN VCC = 5.5V, VIN = VCC or GND 1+25oC- 0.5 A 2, 3 +125oC, -55oC- 5.0 A Noise Immunity Functional Test FN VCC = 4.5V, VIH = 2.25V, VIL = 0.8V (Note 2) 7, 8A, 8B +25oC, +125oC, -55oC --- NOTES: 1. All voltages reference to device GND. 2. For functional tests VO 4.0V is recognized as a logic “1”, and VO 0.5V is recognized as a logic “0”. 3. Force/Measure functions may be interchanged. |