công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SLG46121 bảng dữ liệu(PDF) 39 Page - Renesas Technology Corp

tên linh kiện SLG46121
Giải thích chi tiết về linh kiện  GreenPAK Dual Supply Programmable Mixed-signal Matrix
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG46121 bảng dữ liệu(HTML) 39 Page - Renesas Technology Corp

Back Button SLG46121 Datasheet HTML 35Page - Renesas Technology Corp SLG46121 Datasheet HTML 36Page - Renesas Technology Corp SLG46121 Datasheet HTML 37Page - Renesas Technology Corp SLG46121 Datasheet HTML 38Page - Renesas Technology Corp SLG46121 Datasheet HTML 39Page - Renesas Technology Corp SLG46121 Datasheet HTML 40Page - Renesas Technology Corp SLG46121 Datasheet HTML 41Page - Renesas Technology Corp SLG46121 Datasheet HTML 42Page - Renesas Technology Corp SLG46121 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 99 page
background image
000-0046121--111
Page 37 of 96
SLG46121
10.0 Combination Function Macrocells
The SLG46121 has twelve combination function macrocells that can serve more than one logic or timing function. In elven of
these cases, they can serve as a Look Up Table (LUT), or as another logic or timing function. In the last case, it can serve as
either a programmable delay or deglitch filter. See the list below for the functions that can be implemented in these macrocells.
•
Four macrocells that can serve as either 2-bit LUTs or as D Flip Flops
•
Four macrocells that can serve as either 3-bit LUTs or as D Flip Flops
•
One macrocell that can serve as either 3-bit LUT or as Pipe Delay
•
Two macrocells that can serve as either 4-bit LUTs or as 8-Bit Counter / Delays
•
One macrocell that can serve as either a Programmable Delay or as a Deglitch Filter
Inputs/Outputs for the eleven combination function macrocells are configured from the connection matrix with specific logic
functions being defined by the state of NVM bits.
When used as a LUT to implement combinatorial logic functions, the outputs of the LUTs can be configured to any user defined
function, including the following standard digital logic devices (AND, NAND, OR, NOR, XOR, XNOR).
When used as a D Flip Flop / Latch, the source and destination of the inputs and outputs for the DFF/Latches are configured from
the connection matrix. All DFF/Latch macrocells have user selection for initial state, and all have the option to connect both the
Q and Q Bar outputs to the connection matrix. The macrocells DFF4, DFF5, DFF6 and DFF7 have an additional input from the
matrix that can serve as a nSet or nReset function to the macrocell.
The operation of the D Flip-Flop and Latch will follow the functional descriptions below:
DFF: CLK is rising edge triggered, then Q = D; otherwise Q will not change
Latch: if CLK = 0, then Q = D
10.1 2-Bit LUT or D Flip Flop Macrocells
There are four macrocells that can serve as either 2-bit LUTs or as D Flip Flops. When used to implement LUT functions, the 2-bit
LUTs each take in two input signals from the connection matrix and produce a single output, which goes back into the connection
matrix. When used to implement D Flip Flop function, the two input signals from the connection matrix go to the data (d) and clock
(clk) inputs for the Flip Flop, with the output going back to the connection matrix.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com