| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M95M02-DFCS6P/KF bảng dữ liệu(PDF) 26 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95M02-DFCS6P/KF bảng dữ liệu(HTML) 26 Page - STMicroelectronics |
|
26 / 45 page ![]() 7 Power-up and delivery state 7.1 Power-up state After power-up, the device is in the following state: • standby power mode • deselected (after power-up, a falling edge is required on chip select (S) before any instructions can be started) • not in the hold condition • the write enable latch (WEL) is reset to 0 • write in progress (WIP) is reset to 0. The SRWD, BP1 and BP0 bits of the status register are unchanged from the previous power-down (they are non-volatile bits). 7.2 Initial delivery state The device is delivered with the memory array and identification page bits set to all 1s (each byte = FFh). The status register write disable (SRWD) and block protect (BP1 and BP0) bits are initialized to 0. M95M02-DR M95M02-DF Power-up and delivery state DS7024 - Rev 13 page 26/45 |