| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M95M02-DFMN6P/K bảng dữ liệu(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95M02-DFMN6P/K bảng dữ liệu(HTML) 15 Page - STMicroelectronics |
|
15 / 45 page ![]() 6.3.4 SRWD bit The status register write disable (SRWD) bit is operated in conjunction with the write protect (W) signal. The status register write disable (SRWD) bit and write protect (W) signal enable the device to be put in the hardware protected mode (when the status register write disable (SRWD) bit is set to 1, and write protect (W) is driven low). In this mode, the non-volatile bits of the status register (SRWD, BP1, BP0) become read-only bits and the write status register (WRSR) instruction is no longer accepted for execution. Figure 11. Status register format SRWD Status register write protect 0 0 BP0 0 WEL WIP BP1 b7 b6 b2 b0 b5 b1 b4 b3 Write in progress bit Write enable latch bit Block protect bits M95M02-DR M95M02-DF Read status register (RDSR) DS7024 - Rev 13 page 15/45 |