| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M24C64P-FCU6T/TF bảng dữ liệu(PDF) 33 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24C64P-FCU6T/TF bảng dữ liệu(HTML) 33 Page - STMicroelectronics |
|
33 / 36 page ![]() DocID030474 Rev 1 33/36 M24C64P-FCU Part numbering 35 10 Part numbering Table 15. Ordering information scheme Example: M24C64P -F CU 6 T /T F Device type M24 = I2C serial access EEPROM Device function C64P= 64 Kbits (8 K x 8 bits) Operating voltage F = VCC = 1.7 V to 5.5 V Package(1) 1. The package is ECOPACK2® (RoHS compliant and free of brominated, chlorinated and antimony oxide flame retardants). CU = ultra-thin 4-bump WLCSP Device grade 6 = device tested with standard test flow over –40 to 85 °C Packing T = Tape and reel packing Process technology(2) 2. The process letter appears on the device package (marking) and on the shipment box. Please contact your nearest ST Sales Office for further information. /T = Process letter Option blank = no Back Side Coating (WLCSP height = 0.300mm) F = Back Side Coating (WLCSP height = 0.330mm) |