công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M24256X-FCU6NF bảng dữ liệu(PDF) 20 Page - STMicroelectronics

tên linh kiện M24256X-FCU6NF
Giải thích chi tiết về linh kiện  256-Kbit serial I²C bus EEPROM with configurable device address and software write protection, delivered in 4-ball WLCSP
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24256X-FCU6NF bảng dữ liệu(HTML) 20 Page - STMicroelectronics

Back Button M24256X-FCU6NF Datasheet HTML 16Page - STMicroelectronics M24256X-FCU6NF Datasheet HTML 17Page - STMicroelectronics M24256X-FCU6NF Datasheet HTML 18Page - STMicroelectronics M24256X-FCU6NF Datasheet HTML 19Page - STMicroelectronics M24256X-FCU6NF Datasheet HTML 20Page - STMicroelectronics M24256X-FCU6NF Datasheet HTML 21Page - STMicroelectronics M24256X-FCU6NF Datasheet HTML 22Page - STMicroelectronics M24256X-FCU6NF Datasheet HTML 23Page - STMicroelectronics M24256X-FCU6NF Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
6.5
Read operations on memory array
Read operations are performed independently of the SWP register value. MSB bit A15 of the address must be
equal to 0.
After the successful completion of a read operation, the device internal address counter is incremented by one, to
point to the next byte address.
Following a start condition the bus master sends a device select code with the RW bit (RW) set to '0'. The
device acknowledges this and waits for the two bytes address. The device responds to each address byte with an
acknowledge bit. Then, the bus master sends another start condition, and repeats the device select code,with the
RW bit set to '1'. The device acknowledges this, and outputs the contents of the data. See in Section 5.5 Device
addressing (Table 5, Table 6 and Table 7) how to address the memory array.
After each byte read (data out), the device waits for an acknowledgement (data in) during the ninth bit time. If
the bus master does not acknowledge during this time, the device terminates the data transfer and switches to its
standby mode after a stop condition.
After the successful completion of a read operation, the device internal address counter is incremented by one, to
point to the next byte address.
Figure 12. Read mode sequences
Dev sel *
Byte addr
Byte addr
Dev sel
Data out 1
Data out N
Current
Address
Read
Dev sel
Data out
Random
Address
Read
Dev sel *
Data out
Sequential
Current
Read
Data out N
Dev sel *
Byte addr
Byte addr
Sequential
Random
Read
Dev sel *
Data out1
ACK
RW
NO ACK
ACK
RW
ACK
ACK
ACK
RW
ACK
ACK
ACK
NO ACK
RW
NO ACK
ACK
ACK
ACK
RW
ACK
ACK
RW
ACK
NO ACK
Note:
The seven most significant bits of the first device select code of a random read must be identical to the seven
most significant bits of the device select code of the write.
M24256X-F
Read operations on memory array
DS12380 - Rev 2
page 20/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42