| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CMDA32 bảng dữ liệu(PDF) 5 Page - Chicago Miniature Lamp,inc |
|
|
|||||||||||||||||||||||||||||
CMDA32 bảng dữ liệu(HTML) 5 Page - Chicago Miniature Lamp,inc |
|
5 / 14 page ![]() - 5 - Americas Europe 147 Central Avenue Robert Bunsen Str. 1 Hackensack, NJ 07601 D-67098 Bad Durkheim (201) 489-8989 +49 (6322) 9567-0 www.cml-it.com www.cml-it.com 5. Electro-Optical Characteristics (at IF=350mA, TA=25ºC) P/N Description Luminous Flux Min./Typ. (lm) Correlated Color Temperature (Kelvin) CRI Dominant Wavelength (nm) Min./Typ./Max. Forward Voltage (volts) Min./Typ./Max. View Angle (degrees) Thermal resistance (ºC /W) Symbol ФV [1] CCT [3] Ra λD V 2Θ 1/2 Rθ [4] CMDA32CW15D13L Pure White 32 / 52 6500 76 3.0 / 3.4 / 4.3 110 16 CMDA32WW15D13L Warm White 24 / 35 3000 76 3.0 / 3.4 / 4.3 110 16 CMDA32CB15D13L Blue 6 / 11 455 / 460 / 475 3.0 / 3.4 / 4.3 130 16 CMDA32AG15D13L Green 24 / 48 520 / 527 / 535 3.0 / 3.4 / 4.3 130 16 CMDA32AR15D13L Red 24 / 30 620 / 625 / 630 2.0 / 2.5 / 3.0 128 19 CMDA32GB15D13L Cyan 24 / 40 500 / 505 / 510 3.0 / 3.4 / 4.3 130 16 CMDA32DY15D13L Amber 24 / 38 585 / 590 / 595 2.0 / 2.5 / 3.0 128 19 6. Absolute Maximum Ratings (at TA=25ºC) P/N Description Forward Current (A) Power Dissipation (Watts) Junction Temperat ure (ºC) Operating Temperature (ºC) Storage Temperature (ºC) Symbol IF PD Tj Topr Tstg CMDA32CW15D13L Pure White 0.4 1.9 125 -30~+85 -40~+120 CMDA32WW15D13L Warm White 0.4 1.9 125 -30~+85 -40~+120 CMDA32CB15D13L Blue 0.4 1.9 125 -30~+85 -40~+120 CMDA32AG15D13L Green 0.4 1.9 125 -30~+85 -40~+120 CMDA32AR15D13L Red 0.4 1.2 100 -30~+85 -40~+120 CMDA32GB15D13L Cyan 0.4 1.9 125 -30~+85 -40~+120 CMDA32DY15D13L Amber 0.4 1.2 100 -30~+85 -40~+120 *Notes: [1] ФV is the total luminous flux output as measured with an integrating sphere. [2] Zener diode chip included to protect the LED from ESD. [3] Rθ is measured with a metal core PCB (25 ºC ≤TJ ≤ 125 ºC). [4] CML maintains a tolerance of ± 10% on flux and power measurements. [5] CCT ± 5% tester tolerance. [6] Color Coordinate Measurement allowance is ± 0.005 [7] A tolerance of ± 0.006V on forward voltage measurements --------------------------Caution-------------------------- Please do not drive at rated current more than 5 sec. without proper heat sink CMDA32xx15D13L Square PCB series |