công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD1986A bảng dữ liệu(PDF) 21 Page - Analog Devices

tên linh kiện AD1986A
Giải thích chi tiết về linh kiện  AC ??7 and HD Audio SoundMAX Codec
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD1986A bảng dữ liệu(HTML) 21 Page - Analog Devices

Back Button AD1986A Datasheet HTML 17Page - Analog Devices AD1986A Datasheet HTML 18Page - Analog Devices AD1986A Datasheet HTML 19Page - Analog Devices AD1986A Datasheet HTML 20Page - Analog Devices AD1986A Datasheet HTML 21Page - Analog Devices AD1986A Datasheet HTML 22Page - Analog Devices AD1986A Datasheet HTML 23Page - Analog Devices AD1986A Datasheet HTML 24Page - Analog Devices AD1986A Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
AD1986A
Rev. 0 | Page 21 of 56
AC ’97 REGISTER DETAILS
RESET (REGISTER 0x00)
Writing any value to this register performs a register reset, which causes all registers to revert to their default values. The serial
configuration (0x74) register will not reset the SLOT16, REGM [2:0], SPOVR, SPAL, SPDZ, and SPLNK. These bits are reset on a hard,
hardware, or power-on reset. The REGM and serial configuration bits are reset only by an external hardware reset.
The AC ’97, Revision 2.3, Page 1 registers codec class/rev (0x601), PCI SVID (0x621), PCI SID (0x641), function information (0x681—per
supported function), and sense register ST [3:0] bits (0x6A1 D [15:13]—per supported function) are reset only on a power-on reset. To
satisfy the AC ’97, Revision 2.3 requirements, these registers/bits are sticky across all software and hardware resets.
Reading this register returns the ID code of the part and a code for the type of 3D stereo enhancement.
Reg
Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
0x00
Reset
x
SE4
SE3
SE2
SE1
SE0
ID9
ID8
ID7
ID6
ID5
ID4
ID3
ID2
ID1
ID0
0x0290
Table 73.
Register
Function
The ID decodes the capabilities of the AD1986A based on the functions.
Bit
Function
AD1986A
ID [9:0]
ID0
Dedicated MIC PCM In channel
0
ID1
Reserved (per AC ’97, Revision 2.3)
0
ID2
Bass and treble control
0
ID3
Simulated stereo (mono to stereo)
0
ID4
Headphone out support
1
0x290
ID5
Loudness (bass boost) support
0
ID6
18-bit DAC resolution
0
ID7
20-bit DAC resolution
1
ID8
18-bit ADC resolution
0
ID [9:0] (RO)
(Identify
Capability)
ID9
20-bit ADC resolution
1
SE [4:0] (RO)
(Stereo
Enhancement)
The AD1986A does not provide hardware 3D stereo enhancement
(all bits are zero).
Default: 0x00
x
Reserved.
Default: 0
MASTER VOLUME (REGISTER 0x02)
This register controls the LINE_OUT, SURROUND, and CENTER/LFE outputs’ mute and volume controls in unison. Each volume sub-
register contains five bits, generating 32 volume steps of −1.5 dB each for a range of 0 dB to −46.5 dB.
The headphone output (HP_OUT) mute and volume are controlled separately by the headphones volume register (0x04).The mono
output (MONO_OUT) mute and volume are controlled separately by the mono volume register (0x06). To control the LINE_OUT,
SURROUND, and CENTER/LFE volumes separately, use the front DAC volume register (0x18) for LINE_OUT; the surround DAC
Volume register (0x38) for SURROUND; and the C/LFE DAC volume register (0x36) for CENTER/LFE.
Reg
Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
0x02
Master
Volume
LM
x
x
LV4
LV3
LV2
LV1
LV0
RM
x
x
RV4
RV3
RV2
RV1
RV0
0x8080



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com