| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ICS932S401 bảng dữ liệu(PDF) 13 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICS932S401 bảng dữ liệu(HTML) 13 Page - Renesas Technology Corp |
|
13 / 24 page ![]() 13 Integrated Circuit Systems, Inc. ICS932S401 0921G—08/24/09 SMBus Table: CPU and SRC Stop and Power Down Mode Drive Control Register Pin # Name Control Function Type 0 1 PWD Bit 7 CPUCLK3 PD Drive Drive Mode in PD RW Driven Hi-Z 0 Bit 6 CPUCLK2 PD Drive Drive Mode in PD RW Driven Hi-Z 0 Bit 5 CPUCLK1 PD Drive Drive mode in PD RW Driven Hi-Z 0 Bit 4 CPUCLK0 PD Drive Drive mode in PD RW Driven Hi-Z 0 Bit 3 CPUCLK3 Stop En RW Free-Running Stoppable 1 Bit 2 CPUCLK2 Stop En RW Free-Running Stoppable 1 Bit 1 CPUCLK1 Stop En RW Free-Running Stoppable 1 Bit 0 CPUCLK0 Stop En RW Free-Running Stoppable 1 SMBus Table: Output and Spread Spectrum Control Register Byte 5 Pin # Name Control Function Type 0 1 PWD Bit 7 0 Bit 6 SRC Stop Drive Mode Driven in STOP RW Driven Hi-Z 0 Bit 5 SRC PD Drive Mode Driven in PD RW Driven Hi-Z 0 Bit 4 0 Bit 3 CPUCLK3 Stop Drive Drive Mode in Stop RW Driven Hi-Z 0 Bit 2 CPUCLK2 Stop Drive Drive Mode in Stop RW Driven Hi-Z 0 Bit 1 CPUCLK1 Stop Drive Drive Mode in Stop RW Driven Hi-Z 0 Bit 0 CPUCLK0 Stop Drive Drive Mode in Stop RW Driven Hi-Z 0 SMBus Table: Device ID Register Pin # Name Control Function Type 0 1 PWD Bit 7 Test Mode Selection Test Mode Selection RW Hi-Z REF/N 0 Bit 6 Test Clock Mode Entry Test Mode RW Disable Enable 0 Bit 5 0 Bit 4 REF Drive Strength 1X or 2X RW 1X 2X 1 Bit 3 PCI_STOP Control Stop non-free running PC and SRC clocks. RW Stop Run 1 Bit 2 FS_C FS_C readback RLatch Bit 1 FS_B FS_B readback RLatch Bit 0 FS_A FS_A readback RLatch SMBus Table: Vendor & Revision ID Register Pin # Name Control Function Type 0 1 PWD Bit 7 RID3 R - - X Bit 6 RID2 R - - X Bit 5 RID1 R - - X Bit 4 RID0 R - - X Bit 3 VID3 R - - 0 Bit 2 VID2 R - - 0 Bit 1 VID1 R - - 0 Bit 0 VID0 R - - 1 RESERVED RESERVED See 932S401 Functionality Table Byte 7 Byte 4 SRC SRC 36,37 39,40 42,43 Free-Running Control, Default: not affected by CPU_STOP 45,46 RESERVED 42,43 - - 39,40 - PCI, SRC 54,55 - - - 36,37 39,40 36,37 Byte 6 45,46 VENDOR ID - - - 42,43 45,46 - REVISION ID - - - - |