công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EL5481CS bảng dữ liệu(PDF) 9 Page - Renesas Technology Corp

tên linh kiện EL5481CS
Giải thích chi tiết về linh kiện  Quad 8ns High-Speed Comparators
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL5481CS bảng dữ liệu(HTML) 9 Page - Renesas Technology Corp

  EL5481CS Datasheet HTML 1Page - Renesas Technology Corp EL5481CS Datasheet HTML 2Page - Renesas Technology Corp EL5481CS Datasheet HTML 3Page - Renesas Technology Corp EL5481CS Datasheet HTML 4Page - Renesas Technology Corp EL5481CS Datasheet HTML 5Page - Renesas Technology Corp EL5481CS Datasheet HTML 6Page - Renesas Technology Corp EL5481CS Datasheet HTML 7Page - Renesas Technology Corp EL5481CS Datasheet HTML 8Page - Renesas Technology Corp EL5481CS Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
FN7199 Rev 0.00
Page 9 of 9
June 14, 2001
EL5481, EL5482
Intersil products are manufactured, assembled and tested utilizing ISO9001 quality systems as noted
in the quality certifications found at www.intersil.com/en/support/qualandreliability.html
Intersil products are sold by description only. Intersil may modify the circuit design and/or specifications of products at any time without notice, provided that such
modification does not, in Intersil's sole judgment, affect the form, fit or function of the product. Accordingly, the reader is cautioned to verify that datasheets are
current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its
subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
For additional products, see www.intersil.com/en/products.html
© Copyright Intersil Americas LLC 2003. All Rights Reserved.
All trademarks and registered trademarks are the property of their respective owners.
Pick the value of R1. R1 should be small (less than 1k) in
order to minimize the propagation delay time.
Choose the hysteresis VH and calculate R3:
Check the current through R3 and make sure that it is much
greater than the input bias current as follows:
The above two methods will generate hysteresis of up to a
few hundred millivolts. Beyond that, the impedance of R3 is
low enough to affect the bias string and adjustment of R1
may be required.
Power Dissipation
When switching at high speeds, the comparator's drive
capability is limited by the rise in junction temperature
caused by the internal power dissipation. For reliable
operation, the junction temperature must be kept below
TJMAX (125°C).
An approximate equation for the device power dissipation is
as follows. Assume the power dissipation in the load is very
small:
where:
VS is the analog supply voltage from VS+ to VS-
IS is the analog quiescent supply current per comparator
VSD is the digital supply voltage from VSD to ground
ISD is the digital supply current per comparator
N is the number of comparators in the package
ISD strongly depends on the input switching frequency.
Please refer to the performance curve to choose the input
driving frequency. Having obtained the power dissipation,
the maximum junction temperature can be determined as
follows:
where:
TMAX is the maximum ambient temperature
JA is the thermal resistance of the package
Threshold Detector
The inverting input is connected to a reference voltage and
the non-inverting input is connected to the input. As the input
passes the VREF threshold, the comparator's output
changes state. The non-inverting and inverting inputs may
be reversed.
Crystal Oscillator
A simple crystal oscillator using one comparator of an
EL5481 and EL5482 is shown below. The resistors R1 and
R2 set the bias point at the comparator's non-inverting input.
Resistors R3, R4, and C1 set the inverting input node at an
appropriate DC average voltage based on the output. The
crystal's path provides resonant positive feedback and
stable oscillation occurs. Although the EL5481 and EL5482
will give the correct logic output when an input is outside the
common mode range, additional delays may occur when it is
so operated. Therefore, the DC bias voltages at the inputs
are set about 500mV below the center of the common mode
range and the 200
 resistor attenuates the feedback to the
non-inverting input. The circuit will operate with most AT-cut
crystal from 1MHz to 8MHz over a 2V to 7V supply range.
The output duty cycle for this circuit is roughly 50% at 5V
VCC, but it is affected by the tolerances of the resistors. The
duty cycle can be adjusted by changing VCC value.
R3
V
 SD 0.8
R1
VH
--------
–
=
I
0.5VSD VREF
–
R3
------------------------------------------
=
PDISS
VS IS VSD ISD  N
+
=
TJMAX
TMAX JA PDISS
+
=
+
-
VIN
VREF
VOUT
+
-
200
VOUT
R4
R3
5V
1MHz to
8MHz
2k
C1
0.01µF
5k
1.5k
2k
R1
R2



Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com