| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD7684 bảng dữ liệu(PDF) 22 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7684 bảng dữ liệu(HTML) 22 Page - Analog Devices |
|
22 / 24 page ![]() AD7693 Preliminary Technical Data Rev. PrB | Page 22 of 24 CHAIN MODE WITH BUSY INDICATOR This mode can also be used to daisy chain multiple AD7693s on a 3-wire serial interface while providing a BUSY indicator. This feature is useful for reducing component count and wiring connections, for example, in isolated multiconverter applications or for systems with a limited interfacing capacity. Data readback is analogous to clocking a shift register. A connection diagram example using three AD7693s is shown in Figure 43, and the corresponding timing is given in Figure 44. When SDI and CNV are low, SDO is driven low. With SCK high, a rising edge on CNV initiates a conversion, selects the chain mode, and enables the busy indicator feature. In this mode, CNV is held high during the conversion phase and the subsequent data readback. When all ADCs in the chain have completed their conversions, the SDO pin of the ADC closest to the digital host (see the AD7693 ADC labeled C in Figure 43) is driven high. This transition on SDO can be used as a busy indicator to trigger the data readback controlled by the digital host. The AD7693 then enters the acquisition phase and powers down. The data bits stored in the internal shift register are clocked out, MSB first, by subsequent SCK falling edges. For each ADC, SDI feeds the input of the internal shift register and is clocked by the SCK falling edge. Each ADC in the chain outputs its data MSB first, and 16 × N + 1 clocks are required to readback the N ADCs. Although the rising edge can be used to capture the data, a digital host using the SCK falling edge allows a faster reading rate and consequently more AD7693s in the chain, provided the digital host has an acceptable hold time. CLK CONVERT DATA IN IRQ DIGITAL HOST CNV SCK SDO SDI CNV SCK SDO SDI CNV SCK SDO SDI AD7693 B AD7693 C AD7693 A Figure 43. Chain Mode with Busy Indicator Connection Diagram SDOA = SDIB DA15 DA14 DA13 SCK 123 35 47 48 tEN CONVERSION ACQUISITION tCONV tCYC tACQ ACQUISITION CNV = SDIA DA1 415 tSCK tSCKH tSCKL DA0 17 34 16 SDOB = SDIC DB15 DB14 DB13 DA1 DB1DB0DA15 DA14 49 tSSDISCK tHSDISC tHSDO tDSDO SDOC DC15 DC14 DC13 DA1DA0 DC1DC0DA14 19 31 32 18 33 DB1DB0DA15 DB15 DB14 tDSDOSDI tSSCKCNV tHSCKCNV DA0 tDSDOSDI tDSDOSDI tDSDOSDI tDSDOSDI Figure 44. Chain Mode with Busy Indicator Serial Interface Timing |
|
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |