| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD9380/PCB bảng dữ liệu(PDF) 35 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9380/PCB bảng dữ liệu(HTML) 35 Page - Analog Devices |
|
35 / 60 page ![]() AD9380 Rev. 0 | Page 35 of 60 Hex Address Read/Write or Read-Only Bits Default Value Register Name Description 0xBE Read [7:0] Reserved. 0xBF Read [6:0] New Data Flags New data flags (see 0x87). 0xC0 Read [7:0] Audio content protection packet (ACP) type. 0x00 = Generic audio. 0x01 = IEC 60958-identified audio. 0x02 = DVD-audio. 0x03 = reserved for super audio CD (SACD). Audio Content Protection Packet (ACP) Type 0x04 to 0xFF reserved. 0xC1 Read [7:0] ACP Packet Byte 0 ACP Packet Byte 0 (ACP_PB0). 0xC2 Read [7:0] ACP_PB1 ACP_PB1. 0xC3 Read [7:0] ACP_PB2 ACP_PB2. 0xC4 Read [7:0] ACP_PB3 ACP_PB3. 0xC5 Rea [7:0] ACP_PB4 ACP_PB4. 0xC6 Read [7:0] ACP_PB5 ACP_PB5. 0xC7 Read [6:0] NDF New data flags (see 0x87). 0xC8 7 ISRC1 Continued International standard recording code (ISRC1) continued—This indicates an ISRC2 packet is being transmitted. Read 6 ISRC1 Valid 0 = ISRC1 status bits and packet bytes (PBs) not valid. 1 = ISRC1 status bits and PBs valid. [2:0] ISRC1 Status 001 = starting position. 010 = intermediate position. 100 = final position. 0xC9 Read [7:0] ISRC1 Packet Byte 0 ISRC1 Packet Byte 0 (ISRC1_PB0). 0xCA Read [7:0] ISRC1_PB1 ISRC1_PB1. 0xCB Read [7:0] ISRC1_PB2 ISRC1_PB2. 0xCC Read [7:0] ISRC1_PB3 ISRC1_PB3. 0xCD Read [7:0] ISRC1_PB4 ISRC1_PB4. 0xCE Read [7:0] ISRC1_PB5 ISRC1_PB5. 0xCF Read [6:0] NDF New data flags (see Register 0x87). 0xD0 Read [7:0] ISRC1_PB6 ISRC1_PB6. 0xD1 Read [7:0] ISRC1_PB7 ISRC1_PB7. 0xD2 Read [7:0] ISRC1_PB8 ISRC1_PB8. 0xD3 Read [7:0] ISRC1_PB9 ISRC1_PB9. 0xD4 Read [7:0] ISRC1_PB10 ISRC1_PB10. 0xD5 Read [7:0] ISRC1_PB11 ISRC1_PB11. 0xD6 Read [7:0] ISRC1_PB12 ISRC1_PB12. 0xD7 Read [6:0] NDF New data flags (see 0x87). 0xD8 Read [7:0] ISRC1_PB13 ISRC1_PB13. 0xD9 Read [7:0] ISRC1_PB14 ISRC1_PB14. 0xDA Read [7:0] ISRC1_PB15 ISRC1_PB15. 0xDB Read [7:0] ISRC1_PB16 ISRC1_PB16. 0xDC Read [7:0] ISRC2 Packet Byte 0 ISRC2 Packet Byte 0 (ISRC2_PB0)—This is transmitted only when the ISRC continue bit (Register 0xC8, Bit 7) is set to 1. 0xDD Read [7:0] ISRC2_PB1 ISRC2_PB1. 0xDE Read [7:0] ISRC2_PB2 ISRC2_PB2. 0xDF Read [6:0] New Data Flags New data flags (see Register 0x87). 0xE0 Read [7:0] ISRC2_PB3 ISRC2_PB3. 0xE1 Read [7:0] ISRC2_PB4 ISRC2_PB4. 0xE2 Read [7:0] ISRC2_PB5 ISRC2_PB5. 0xE3 Read [7:0] ISRC2_PB6 ISRC2_PB6. 0xE4 Read [7:0] ISRC2_PB7 ISRC2_PB7. |