| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CMD67-21 bảng dữ liệu(PDF) 1 Page - Chicago Miniature Lamp,inc |
|
|
|||||||||||||||||||||||||||||
CMD67-21 bảng dữ liệu(HTML) 1 Page - Chicago Miniature Lamp,inc |
|
|
1 / 1 page ![]() DESCRIP TION A ND FE A T URES CMD67-21 SERIES SMT LEDs EL ECTRO-OP TIC A L C H A R A CTERISTICS A ND R A TINGS Part Number Color Emitted Luminous Intens ity Forward V oltage (nm) Wavelength Peak Indicates Mark Polarity (mcd) Min. (mcd) Typ. (V ) Typ. (V ) Max. C MD67-21V G C /T R 8 C MD67-21V Y C /T R 8 C MD67-21V R C /T R 8 C MD67-21S R C /T R 8 C MD67-21UR C /T R 8 C MD67-21UB C /T R 8 C MD67-21US OC /T R 8 C MD67-21UY C /T R 8 Green Yellow H.E . R ed Bright R ed Bright R ed Blue Super Y ellow Super Orange 15.0 6.0 6.0 25.0 36.0 59.0 65.0 70.0 25.0 10.0 10.0 40.0 62.0 98.0 85.0 90.0 Cathode Cathode Cathode Anode Anode Cathode Cathode Cathode 2.1 2.0 2.0 1.7 1.7 4.5 2.1 2.1 2.8 2.8 2.8 2.4 2.4 5.5 2.8 2.8 570 585 640 660 660 430 590 620 Color Lens Clear Clear Clear Clear Clear Clear Clear Clear (degrees ) Angle View 120 120 120 120 120 120 120 120 A B SOL UTE M A X IMUM R A TINGS POS IT ION 2 POS IT ION 1 2.40 RE D C AT HODE 3.20 ±0.20 2.20 ±0.10 2.80 ±0.20 0.80 0.15 0.50 ±0.10 1.90 ±0.20 3.40 ±0.20 DIA. 1# CAT HODE GR E E N 2# 3# 4# 1# 2# 4# 3# Surface Mount Technology • Tape and reel packaged for high-speed autoinsertion. • Convection and vapor-phase eflow compatible. • Compact form enables high density placement. • Packaged 2000 pieces per reel. Leading Edge LED Optoelectronic Performance • Consistent high brightness. • Integral lensing for narrow angle light dispersion. • Bi-color available. Exceptional Reliability • Stringent process controls assure quality. • Extensive qualification testing to meet strictest requirements. • Designed to permit easy post-reflow solder joint inspection. • Solder pad geometry on page 1-X1. Green H.E.Red Yellow Bright Red Units Power Dissipation......................................................................105....................120......................105......................100..................mW Storage/Operating Temperature..........................................-40 to +85...........-40 to +85...........-40 to +85............-40 to +85...............°C Peak Forward Current (1 µs @ 10% duty cycle).........................150...................150......................150......................150...................mA Reverse Voltage (IR=100 µA)......................................................5.0....................5.0.......................5.0........................5.0.....................V Lead Solder Time @ 260°C.........................................................5........................5..........................5.........................5.............Seconds Average Forward Current............................................................25.....................30........................30........................30....................mA America: CML Innovative Technologies,Inc. 147 Central Avenue Hackensack, NJ 07601 -USA Tel:1-201-489 -8989 Fax:1-201-489 -6911 e-mail:americas@cml-it.com Europe: CML Technologies GmbH &Co.KG Robert-Bunsen-Str.1 67098 Bad Dürkheim -GERMANY Tel:+49 (0)6322 9567-0 Fax:+49 (0)6322 9567-88 e-mail:europe@cml-it.com Asia: CML Innovative Technologies,Inc. 61 Aida Street Singapore 459975 Tel:(65)9630 -5003 e-mail:asia@cml-it.com CML-IT reserves the right to make specification revisions that enhance the design and/or performance of the product |
Số phần tương tự - CMD67-21 |
|
Mô tả tương tự - CMD67-21 |