| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ICS9DB401YFLFT bảng dữ liệu(PDF) 4 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS9DB401YFLFT bảng dữ liệu(HTML) 4 Page - Integrated Circuit Systems |
|
4 / 16 page ![]() 4 Integrated Circuit Systems, Inc. ICS9DB401 1014B—09/07/06 The ICS9DB401 follows the Intel DB400 Differential Buffer Specification v2.0. This buffer provides four PCI-Express SRC clocks. The ICS9DB401 is driven by a differential input pair from a CK409/CK410/CK410M main clock generator, such as the ICS952601, ICS954101 or ICS954201. It provides ouputs meeting tight cycle-to-cycle jitter (50ps) and output-to-output skew (50ps) requirements. General Description Block Diagram Power Groups STOP LOGIC SRC_IN SRC_IN# DIF(3:0)) CONTROL LOGIC BYPASS#/PLL SDATA SCLK PD SPREAD COMPATIBLE PLL 4 IREF OE(3:0) 4 M U X Note: Polarities shown for OE_INV = 0. VDD GND 1 4 SRC_IN/SRC_IN# 5,11,18, 24 4 DIF(1,2,5,6) N/A 27 IREF 28 27 Analog VDD & GND for PLL core Description Pin Number |