| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
P89C52UBAA bảng dữ liệu(PDF) 27 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P89C52UBAA bảng dữ liệu(HTML) 27 Page - NXP Semiconductors |
|
27 / 32 page ![]() Philips Semiconductors Product specification 89C51/89C52/89C54/89C58 80C51 8-bit microcontroller family 4K/8K/16K/32K Flash 1999 Oct 27 27 Security The security feature protects against software piracy and prevents the contents of the FLASH from being read. The Security Lock bits are located in FLASH. The 89C51/89C52/89C54/89C58 has 3 programmable security lock bits that will provide different levels of protection for the on-chip code and data (see Table 8). Unlike the ROM and OTP versions, the security lock bits are independent. LB3 includes the security protection of LB1. Table 8. SECURITY LOCK BITS1 PROTECTION DESCRIPTION Level PROTECTION DESCRIPTION LB1 MOVC instructions executed from external program memory are disabled from fetching code bytes from internal memory. LB2 Program verification is disabled LB3 External execution is disabled. NOTE: 1. The security lock bits are independent. |