công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P83C528FFB bảng dữ liệu(PDF) 3 Page - NXP Semiconductors

tên linh kiện P83C528FFB
Giải thích chi tiết về linh kiện  CMOS single-chip 8-bit microcontroller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C528FFB bảng dữ liệu(HTML) 3 Page - NXP Semiconductors

  P83C528FFB Datasheet HTML 1Page - NXP Semiconductors P83C528FFB Datasheet HTML 2Page - NXP Semiconductors P83C528FFB Datasheet HTML 3Page - NXP Semiconductors P83C528FFB Datasheet HTML 4Page - NXP Semiconductors P83C528FFB Datasheet HTML 5Page - NXP Semiconductors P83C528FFB Datasheet HTML 6Page - NXP Semiconductors P83C528FFB Datasheet HTML 7Page - NXP Semiconductors P83C528FFB Datasheet HTML 8Page - NXP Semiconductors P83C528FFB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Philips Semiconductors
Product specification
80C528/83C528
CMOS single-chip 8-bit microcontrollers
1995 Feb 02
3
CERAMIC AND PLASTIC LEADED
CHIP CARRIER PIN FUNCTIONS
6
1
40
7
17
39
29
18
28
PLCC
Pin
Function
Pin
Function
1
NC*
23
NC*
2
P1.0/T2
24
P2.0/A8
3
P1.1/T2EX
25
P2.1/A9
4
P1.2
26
P2.2/A10
5
P1.3
27
P2.3/A11
6
P1.4
28
P2.4/A12
7
P1.5
29
P2.5/A13
8
P1.6/SCL
30
P2.6/A14
9
P1.7/SDA
31
P2.7/A15
10
RST
32
PSEN
11
P3.0/RxD
33
ALE
12
NC*
34
NC*
13
P3.1/TxD
35
EA
14
P3.2/INT0
36
P0.7/AD7
15
P3.3/INT1
37
P0.6/AD6
16
P3.4/T0
38
P0.5/AD5
17
P3.5/T1
39
P0.4/AD4
18
P3.6/WR
40
P0.3/AD3
19
P3.7/RD
41
P0.2/AD2
20
XTAL2
42
P0.1/AD1
21
XTAL1
43
P0.0/AD0
22
VSS
44
VDD
* DO NOT CONNECT
PLASTIC QUAD FLAT PACK
PIN FUNCTIONS
44
34
1
11
33
23
12
22
PQFP
Pin
Function
Pin
Function
1
P1.5
23
P2.5/A13
2
P1.6/SCL
24
P2.6/A14
3
P1.7/SDA
25
P2.7/A15
4
RST
26
PSEN
5
P3.0/RxD
27
ALE
6
NC*
28
NC*
7
P3.1/TxD
29
EA
8
P3.2/INT0
30
P0.7/AD7
9
P3.3/INT1
31
P0.6/AD6
10
P3.4/T0
32
P0.5/AD5
11
P3.5/T1
33
P0.4/AD4
12
P3.6/WR
34
P0.3/AD3
13
P3.7RD
35
P0.2/AD2
14
XTAL2
36
P0.1/AD1
15
XTAL1
37
P0.0/AD0
16
VSS
38
VDD
17
NC*
39
NC*
18
P2.0/A8
40
P1.0/T2
19
P2.1/A9
41
P1.1/T2EX
20
P2.2/A10
42
P1.2
21
P2.3/A11
43
P1.3
22
P2.4/A12
44
P1.4
* DO NOT CONNECT
LOGIC SYMBOL
ADDRESS AND
DATA BUS
ADDRESS BUS
T2
T2EX
RxD
TxD
INT0
INT1
T0
T1
WR
RD
RST
EA
PSEN
ALE
VSS
VDD
XTAL1
XTAL2
SCL
SDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26