| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RAA271000 bảng dữ liệu(PDF) 50 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RAA271000 bảng dữ liệu(HTML) 50 Page - Renesas Technology Corp |
|
50 / 105 page ![]() R16DS0051EU0101 Rev.1.01 Page 50 May 23, 2022 RAA271000 Datasheet 9.1.32 0x41 - FLT_RECORD_TEMP 9.1.33 0x42 - FLT_RECORD_BUCK1 Bit Name R/W Description Default 7 FLT_BOOT RW BOOT occurred 0x0: No boot process has occurred since the last time this register was read 0x1: Boot process has occurred (set high after OTP Read is finished) Read returns status. Write 0 to clear. 0x0 6:2 Reserved RO 0x00 1 FLT_TEMPSDR RW Over-Temperature (OT) Shutdown (rising threshold) 0x0: No fault, Less than threshold 0x1: Fault, greater than threshold Read returns status. Write 0 to clear. 0x0 0 FLT_TEMPSDF RW Over-Temperature (OT) Shutdown (falling edge) (Shutdown – Hysteresis) 0x0: No fault, Less than threshold 0x1: Fault, greater than threshold Read returns status. Write 0 to clear. 0x0 Bit Name R/W Description Default 7:6 Reserved RO 0x0 5 FLT_BUCK1_BOOTUV RW Boot Undervoltage (BOOTUV) for BUCK1 0x0: No fault, Less than threshold 0x1: Fault, greater than threshold Read returns status. Write 0 to clear. 0x0 4 FLT_BUCK1_LSWUC RW LS Way Undercurrent (WOC) for BUCK1 0x0: No fault, Less than threshold 0x1: Fault, greater than threshold Read returns status. Write 0 to clear. 0x0 3 FLT_BUCK1_LSWOC RW LS Way Overcurrent (WOC) for BUCK1 0x0: No fault, Less than threshold 0x1: Fault, greater than threshold Read returns status. Write 0 to clear. 0x0 2 FLT_BUCK1_HSWOC RW HS Way Overcurrent (WOC) for BUCK1 0x0: No fault, Less than threshold 0x1: Fault, greater than threshold Read returns status. Write 0 to clear. 0x0 1 FLT_BUCK1_OV RW Overvoltage (OV) for BUCK1 0x0: No fault, Less than threshold 0x1: Fault, greater than threshold Read returns status. Write 0 to clear. 0x0 0 FLT_BUCK1_UV RW Undervoltage (UV) for BUCK1 0x0: No fault, greater than threshold 0x1: Fault, less than threshold Read returns status. Write 0 to clear. 0x0 |