| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FS6408 bảng dữ liệu(PDF) 71 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
FS6408 bảng dữ liệu(HTML) 71 Page - NXP Semiconductors |
|
71 / 111 page ![]() NXP Semiconductors 71 FS6407/FS6408 7.3.7 HW config Table 28. INIT INT. Description and configuration of the bits (default value in bold) INT_duration Description Define the duration of the INTerrupt pulse 0 100 µs 1 25 µs Reset condition Power On Reset INT_inh_all Description Inhibit ALL the INT 0 All INT sources 1 All INT INHIBITED Reset condition Power On Reset INT_inh_Vsns Description Inhibit the INT for VSNS_UV 0 All INT sources 1VSNS_UV INT INHIBITED Reset condition Power On Reset INT_inh_Vpre Description Inhibit the INT for VPRE status event (cf. register status Vreg1) 0 All INT sources 1VPRE status changed INHIBITED Reset condition Power On Reset INT_inh_Vcore Description Inhibit the INT for VCORE status event (cf. register status Vreg2) 0 All INT sources 1VCORE status changed INHIBITED Reset condition Power On Reset INT_inh_Vothers Description Inhibit the INT for VCCA / VAUX and VCAN status event (cf. register status Vreg2) 0 All INT sources 1VCCA / VAUX / VCAN status changed INHIBITED Reset condition Power On Reset INT_inh_CAN Description Inhibit the INT for CAN error bits 0 All INT sources 1 CAN error bits changed INHIBITED Reset condition Power On Reset Table 29. HW config. register description Read bit15 bit14 bit13 bit12 bit11 bit10 bit9 bit8 bit7 bit6 bit5 bit4 bit3 bit2 bit1 bit0 MOSI 00 0 1 0 000 00 00 00 00 MISO SPI_G WU CAN_ G Reserved IO_G Vpre_ G Vcore_ G Vother s_G LS_det ect Vaux not used Vcca_ PNP_d etect Vcca_ HW Vaux_ HW 10 DBG |