công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DSP56652/D bảng dữ liệu(PDF) 39 Page - NXP Semiconductors

tên linh kiện DSP56652/D
Giải thích chi tiết về linh kiện  INTEGRATED CELLULAR BASEBAND PROCESSOR
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56652/D bảng dữ liệu(HTML) 39 Page - NXP Semiconductors

Back Button DSP56652/D Datasheet HTML 35Page - NXP Semiconductors DSP56652/D Datasheet HTML 36Page - NXP Semiconductors DSP56652/D Datasheet HTML 37Page - NXP Semiconductors DSP56652/D Datasheet HTML 38Page - NXP Semiconductors DSP56652/D Datasheet HTML 39Page - NXP Semiconductors DSP56652/D Datasheet HTML 40Page - NXP Semiconductors DSP56652/D Datasheet HTML 41Page - NXP Semiconductors DSP56652/D Datasheet HTML 42Page - NXP Semiconductors DSP56652/D Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 76 page
background image
DSP56652
DSP56652 Signal Description
Preliminary
MOTOROLA
DSP56652 Technical Data Sheet
1-33
SC0B
Input or
Output
Input
baseband codec serial clock 0Ñ
This signalÕs function is determined
by the SCLK mode.
¥
Synchronous modeÑserial I/O flag 0
¥
Asynchronous modeÑreceive clock I/O
This signal is equipped with a 100k
W pull-down resistor.
This is a GPIO signal when SC0B is not being used.
SC1B
Input or
Output
Input
Baseband codec serial clock 1Ñ
This signalÕs function is determined
by the SCLK mode.
¥
Synchronous modeÑserial I/O flag 0
¥
Asynchronous modeÑreceiver frame sync I/O
This signal is equipped with a 100Kk
W pull-down resistor.
This is a GPIO signal when SC1B is not being used.
SC2B
Input or
Output
Input
Baseband codec serial clock 2Ñ
This signalÕs function is determined
by the SCLK mode.
¥
Synchronous modeÑtransmitter and receiver frame sync I/O
¥
Asynchronous modeÑtransmitter frame sync I/O
This signal is equipped with a 100k
W pull-down resistor.
This is a GPIO signal when SC2B is not being used.
Table 1-19
Baseband Codec Port Signals (Continued)
Signal Name
Signal
Type
State
during
Reset
Signal Description
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76