công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PDTC114Y bảng dữ liệu(PDF) 1 Page - Nexperia B.V. All rights reserved

tên linh kiện PDTC114Y
Giải thích chi tiết về linh kiện  NPN resistor-equipped transistors; R1 = 10 k, R2 = 47 k
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEXPERIA [Nexperia B.V. All rights reserved]
Trang chủ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PDTC114Y bảng dữ liệu(HTML) 1 Page - Nexperia B.V. All rights reserved

  PDTC114Y Datasheet HTML 1Page - Nexperia B.V. All rights reserved PDTC114Y Datasheet HTML 2Page - Nexperia B.V. All rights reserved PDTC114Y Datasheet HTML 3Page - Nexperia B.V. All rights reserved PDTC114Y Datasheet HTML 4Page - Nexperia B.V. All rights reserved PDTC114Y Datasheet HTML 5Page - Nexperia B.V. All rights reserved PDTC114Y Datasheet HTML 6Page - Nexperia B.V. All rights reserved PDTC114Y Datasheet HTML 7Page - Nexperia B.V. All rights reserved PDTC114Y Datasheet HTML 8Page - Nexperia B.V. All rights reserved PDTC114Y Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1.
Product profile
1.1 General description
NPN Resistor-Equipped Transistor (RET) family in Surface-Mounted Device (SMD)
plastic packages.
1.2 Features and benefits
1.3 Applications
1.4 Quick reference data
PDTC114Y series
NPN resistor-equipped transistors;
R1 = 10 k
, R2 = 47 k
Rev. 7 — 18 November 2011
Product data sheet
Table 1.
Product overview
Type number
Package
PNP
complement
Package
configuration
Nexperia JEITA
JEDEC
PDTC114YE
SOT416
SC-75
-
PDTA114YE
ultra small
PDTC114YM
SOT883
SC-101
-
PDTA114YM
leadless ultra small
PDTC114YT
SOT23
-
TO-236AB PDTA114YT
small
PDTC114YU
SOT323
SC-70
-
PDTA114YU
very small
 100 mA output current capability
 Reduces component count
 Built-in bias resistors
 Reduces pick and place costs
 Simplifies circuit design
 AEC-Q101 qualified
 Digital applications in automotive and
industrial segments
 Cost-saving alternative for BC847/857
series in digital applications
 Control of IC inputs
 Switching loads
Table 2.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCEO
collector-emitter voltage
open base
-
-
50
V
IO
output current
-
-
100
mA
R1
bias resistor 1 (input)
7
10
13
k
R2/R1
bias resistor ratio
3.7
4.7
5.7


Số phần tương tự - PDTC114Y

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
PDTC114Y PHILIPS-PDTC114Y Datasheet
92Kb / 14P
NPN resistor-equipped transistors
2004 Aug 17
PDTC114Y NXP-PDTC114Y Datasheet
181Kb / 14P
NPN resistor-equipped transistors; R1 = 10 k廓, R2 = 47 k廓
2004 Aug 17
logo
Nexperia B.V. All right...
PDTC114Y NEXPERIA-PDTC114Y Datasheet
363Kb / 20P
50 V, 100 mA NPN resistor-equipped transistors
Rev. 1 - 1 October 2021
logo
NXP Semiconductors
PDTC114YE PHILIPS-PDTC114YE Datasheet
65Kb / 8P
NPN resistor-equipped transistor
1999 May 18
PDTC114YE PHILIPS-PDTC114YE Datasheet
92Kb / 14P
NPN resistor-equipped transistors
2004 Aug 17
More results

Mô tả tương tự - PDTC114Y

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
PDTC143Z PHILIPS-PDTC143Z_15 Datasheet
750Kb / 17P
NPN resistor-equipped transistors; R1 = 4.7 k?? R2 = 47 k?
Rev. 8-5 December 2011
PDTC144E PHILIPS-PDTC144E_15 Datasheet
760Kb / 17P
NPN resistor-equipped transistors; R1 = 47 k?? R2 = 47 k?
Rev. 9-15 November 2011
PEMD9_PUMD9 PHILIPS-PEMD9_PUMD9_15 Datasheet
926Kb / 16P
NPN/PNP resistor-equipped transistors; R1 = 10 k?? R2 = 47 k?
Rev. 6-22 November 2011
PEMD12_PUMD12 PHILIPS-PEMD12_PUMD12_15 Datasheet
965Kb / 16P
NPN/PNP resistor-equipped transistors; R1 = 47 k?? R2 = 47 k?
Rev. 4-21 November 2011
PEMH2_PUMH2 PHILIPS-PEMH2_PUMH2_15 Datasheet
621Kb / 14P
NPN/NPN resistor-equipped transistors R1 = 47 k?? R2 = 47 k?
Rev. 5-5 December 2011
logo
Nexperia B.V. All right...
PEMD12 NEXPERIA-PEMD12 Datasheet
1Mb / 17P
NPN/PNP resistor-equipped transistors; R1 = 47 k, R2 = 47 k
Rev. 4 - 21 November 2011
PEMD9 NEXPERIA-PEMD9 Datasheet
1Mb / 17P
NPN/PNP resistor-equipped transistors; R1 = 10 k, R2 = 47 k
Rev. 6 - 22 November 2011
PDTC144E_SER NEXPERIA-PDTC144E_SER Datasheet
1Mb / 17P
NPN resistor-equipped transistors; R1 = 47 k, R2 = 47 k
Rev. 9 - 15 November 2011
PEMH2 NEXPERIA-PEMH2_V01 Datasheet
912Kb / 15P
NPN/NPN resistor-equipped transistors; R1 = 47 k, R2 = 47 k
Rev. 5 - 5 December 2011
PEMH9 NEXPERIA-PEMH9_V01 Datasheet
790Kb / 18P
NPN/NPN resistor-equipped transistors; R1 = 10 k, R2 = 47 k
Rev. 5 - 12 November 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com