| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
P87LPC768FD bảng dữ liệu(PDF) 47 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P87LPC768FD bảng dữ liệu(HTML) 47 Page - NXP Semiconductors |
|
47 / 64 page ![]() Philips Semiconductors Preliminary data 87LPC768 Low power, low price, low pin count (20 pin) microcontroller with 4 kB OTP 8-bit A/D, Pulse Width Modulator 2001 Aug 06 45 SU01179 80C51 INTERNAL BUS WRITE TO SBUF SBUF ZERO DETECTOR TxD P1.0 ALT OUTPUT FUNCTION TX CONTROL S TX CLOCK START Q CL D SERIAL PORT INTERRUPT SHIFT SEND LOAD SBUF TI INPUT SHIFT REGISTER START RI LOAD SBUF SHIFT RX CLOCK 1FFH RX CONTROL SBUF READ SBUF TRANSMIT RxD P1.1 ALT INPUT FUNCTION 80C51 INTERNAL BUS DATA TB8 ÷16 ÷16 ÷2 TIMER 1 OVERFLOW SMOD1 = 0 SMOD1 = 1 1-TO-0 TRANSITION DETECTOR BIT DETECTOR START BIT STOP BIT TX CLOCK WRITE TO SBUF SEND DATA SHIFT TxD TI D0 D1 D5 D2 D6 D3 D4 D7 RECEIVE RX CLOCK SHIFT RI BIT DETECTOR SAMPLE TIMES START BIT STOP BIT RxD D0 D1 D5 D2 D6 D3 D4 D7 ÷ 16 RESET Figure 33. Serial Port Mode 1 |