công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AC20 bảng dữ liệu(PDF) 3 Page - NXP Semiconductors

tên linh kiện AC20
Giải thích chi tiết về linh kiện  Cemented wirewound resistors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

AC20 bảng dữ liệu(HTML) 3 Page - NXP Semiconductors

  AC20 Datasheet HTML 1Page - NXP Semiconductors AC20 Datasheet HTML 2Page - NXP Semiconductors AC20 Datasheet HTML 3Page - NXP Semiconductors AC20 Datasheet HTML 4Page - NXP Semiconductors AC20 Datasheet HTML 5Page - NXP Semiconductors AC20 Datasheet HTML 6Page - NXP Semiconductors AC20 Datasheet HTML 7Page - NXP Semiconductors AC20 Datasheet HTML 8Page - NXP Semiconductors AC20 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
2000 Oct 20
3
BCcomponents
Product specification
Cemented wirewound resistors
AC01/03/04/05/07/10/15/20
ORDERING INFORMATION
Table 1
Ordering code indicating resistor type and packaging
Notes
1. Products with bent leads and loose in box, are available on request.
2. Last 3 digits available on request.
TYPE
ORDERING CODE 23.. ... .....
LOOSE IN BOX
BANDOLIER IN AMMOPACK
STRAIGHT LEADS
RADIAL
STRAIGHT LEADS
100 units
2 500 units
500 units
1 000 units
AC01
−
06 328 90...(2)
−
06 328 33...
AC03(1)
−−
22 329 03...
−
AC04(1)
−−
22 329 04...
−
AC05(1)
−−
22 329 05...
−
AC07(1)
−−
22 329 07...
−
AC10
−−
22 329 10...
−
AC15
22 329 15...
−−
−
AC20
22 329 20...
−−
−
Ordering code (12NC)
• The resistors have a 12-digit
ordering code starting with 23
• The subsequent 7 digits indicate the
resistor type and packaging;
see Table 1.
• The remaining 3 digits indicate the
resistance value:
– The first 2 digits indicate the
resistance value.
– The last digit indicates the
resistance decade in accordance
with Table 2.
Table 2
Last digit of 12NC
RESISTANCE
DECADE
LAST DIGIT
0.1to0.91
Ω
7
1to9.1
Ω
8
10 to 91
Ω
9
100to910
Ω
1
1to9.1 k
Ω
2
10 to 56 k
Ω
3
ORDERING EXAMPLE
The ordering code of an AC01 resistor,
value 47
Ω, supplied in ammopack of
1000 units is: 2306 328 33479.
Product specifications deviating
from the standard values are available
on request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24