công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPC584NX bảng dữ liệu(PDF) 46 Page - STMicroelectronics

tên linh kiện SPC584NX
Giải thích chi tiết về linh kiện  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC584NX bảng dữ liệu(HTML) 46 Page - STMicroelectronics

Back Button SPC584NX Datasheet HTML 42Page - STMicroelectronics SPC584NX Datasheet HTML 43Page - STMicroelectronics SPC584NX Datasheet HTML 44Page - STMicroelectronics SPC584NX Datasheet HTML 45Page - STMicroelectronics SPC584NX Datasheet HTML 46Page - STMicroelectronics SPC584NX Datasheet HTML 47Page - STMicroelectronics SPC584NX Datasheet HTML 48Page - STMicroelectronics SPC584NX Datasheet HTML 49Page - STMicroelectronics SPC584NX Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 158 page
background image
Electrical characteristics
SPC584Nx, SPC58ENx, SPC58NNx
46/158
DS11734 Rev 6
Tstart_T
CC
T Startup time to reach within
fvar_T
Factory
trimming
already
applied
——
120
µs
IFIRC
CC
T Current consumption on HV
power supply(1)
After Tstart_T
—
—
1200
µA
1. The consumption reported considers the sum of the RC oscillator 16 MHz IP, and the core logic clocked by the IP.
Table 23. Internal RC oscillator electrical specifications (continued)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More