| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
P87C528EBAA bảng dữ liệu(PDF) 21 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P87C528EBAA bảng dữ liệu(HTML) 21 Page - NXP Semiconductors |
|
21 / 26 page ![]() Philips Semiconductors Product specification 87C524/87C528 80C51 8-bit microcontrollers 16K/32K, 512 OTP, I2C, watchdog timer 1999 Jul 23 21 EPROM PROGRAMMING AND VERIFICATION CHARACTERISTICS Tamb = 21°C to +27°C, Vcc = 5 V±10%, VSS = 0 V (See Figure 17) SYMBOL PARAMETER MIN MAX UNIT VPP Programming supply voltage 12.5 13.0 V IPP Programming supply current 50 mA 1/tCLCL Oscillator frequency 4 6 MHz tAVGL Address setup to PROG low 48tCLCL tGHAX Address hold after PROG 48tCLCL tDVGL Data setup to PROG low 48tCLCL tGHDX Data hold after PROG 48tCLCL tEHSH P2.7 (ENABLE) high to VPP 48tCLCL tSHGL VPP setup to PROG low 10 µs tGHSL VPP hold after PROG 10 µs tGLGH PROG width 90 110 µs tAVQV Address to data valid 48tCLCL tELQZ ENABLE low to data valid 48tCLCL tEHQZ Data float after ENABLE 0 48tCLCL tGHGL PROG high to PROG low 10 µs PROGRAMMING * VERIFICATION * ADDRESS ADDRESS DATA IN DATA OUT LOGIC 1 LOGIC 1 LOGIC 0 tAVQV tEHQZ tELQV tEHSH tSHGL tGHSL tGLGH tGHGL tAVGL tGHAX tDVGL tGHDX P1.0–P1.7 P2.0–P2.5 PORT 0 ALE/PROG EA/VPP P2.7 ENABLE SU00174 NOTE: * FOR PROGRAMMING VERIFICATION SEE FIGURE 14. FOR VERIFICATION CONDITIONS SEE FIGURE 16. Figure 17. EPROM Programing and Verification Purchase of Philips I2C components conveys a license under the Philips’ I2C patent to use the components in the I2C system provided the system conforms to the I2C specifications defined by Philips. This specification can be ordered using the code 9398 393 40011. |