công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P87C528EBAAA bảng dữ liệu(PDF) 15 Page - NXP Semiconductors

tên linh kiện P87C528EBAAA
Giải thích chi tiết về linh kiện  CMOS single-chip 8-bit microcontroller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87C528EBAAA bảng dữ liệu(HTML) 15 Page - NXP Semiconductors

Back Button P87C528EBAAA Datasheet HTML 11Page - NXP Semiconductors P87C528EBAAA Datasheet HTML 12Page - NXP Semiconductors P87C528EBAAA Datasheet HTML 13Page - NXP Semiconductors P87C528EBAAA Datasheet HTML 14Page - NXP Semiconductors P87C528EBAAA Datasheet HTML 15Page - NXP Semiconductors P87C528EBAAA Datasheet HTML 16Page - NXP Semiconductors P87C528EBAAA Datasheet HTML 17Page - NXP Semiconductors P87C528EBAAA Datasheet HTML 18Page - NXP Semiconductors P87C528EBAAA Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
Philips Semiconductors
Product specification
80C528/83C528
CMOS single-chip 8-bit microcontrollers
1995 Feb 02
15
AC ELECTRICAL CHARACTERISTICS – I2C INTERFACE
SYMBOL
PARAMETER
INPUT
OUTPUT
I2C SPECIFICATION
SCL TIMING CHARACTERISTICS
tHD;STA
START condition hold time
≥ 14 tCLCL1
Note 2
≥ 4.0µs
tLOW
SCL LOW time
≥ 16 tCLCL
Note 2
≥ 4.7µs
tHIGH
SCL HIGH time
≥ 14 tCLCL1
≥ 80 tCLCL3
≥ 4.0µs
tRC
SCL rise time
≤ 1µs4
Note 5
≤ 1.0µs
tFC
SCL fall time
≤ 0.3µs4
≤ 0.3µs 6
≤ 0.3µs
SDA TIMING CHARACTERISTICS
tSU;DAT1
Data set-up time
≥ 250ns
Note 2
≥ 250ns
tHD;DAT
Data hold time
≥ 0ns
Note 2
≥ 0ns
tSU;STA
Repeated START set-up time
≥ 14 tCLCL1
Note 2
≥ 4.7µs
tSU;STO
STOP condition set-up time
≥ 14 tCLCL1
Note 2
≥ 4.0µs
tBUF
Bus free time
≥ 14 tCLCL1
Note 2
≥ 4.7µs
tRD
SDA rise time
≤ 1µs4
Note 5
≤ 1.0µs
tFD
SDA fall time
≤ 0.3µs4
≤ 0.3µs 6
≤ 0.3µs
NOTES:
1. At fCLK = 3.5MHz, this evaluates to 14 × 286ns = 4µs, i.e., the bit-level I2C interface can respond to the I2C protocol for fCLK ≥ 3.5MHz.
2. This parameter is determined by the user software, it has to comply with the I2C.
3. This value gives the autoclock pulse length which meets the I2C specification for the specified XTAL clock frequency range. Alternatively, the
SCL pulse may be timed by software.
4. Spikes on SDA and SCL lines with a duration of less than 4
× fCLK will be filtered out.
5. The rise time is determined by the external bus line capacitance and pull-up resistor, it must be
≤ 1µs.
6. The maximum capacitance on bus lines SDA and SCL is 400pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com