công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P80C54X2 bảng dữ liệu(PDF) 3 Page - NXP Semiconductors

tên linh kiện P80C54X2
Giải thích chi tiết về linh kiện  80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128B/256B RAM low voltage 2.7 to 5.5 V, low power, high speed 30/33 MHz
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P80C54X2 bảng dữ liệu(HTML) 3 Page - NXP Semiconductors

  P80C54X2 Datasheet HTML 1Page - NXP Semiconductors P80C54X2 Datasheet HTML 2Page - NXP Semiconductors P80C54X2 Datasheet HTML 3Page - NXP Semiconductors P80C54X2 Datasheet HTML 4Page - NXP Semiconductors P80C54X2 Datasheet HTML 5Page - NXP Semiconductors P80C54X2 Datasheet HTML 6Page - NXP Semiconductors P80C54X2 Datasheet HTML 7Page - NXP Semiconductors P80C54X2 Datasheet HTML 8Page - NXP Semiconductors P80C54X2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 62 page
background image
Philips Semiconductors
Product data
P80C3xX2; P80C5xX2;
P87C5xX2
80C51 8-bit microcontroller family
4K/8K/16K/32K ROM/OTP, low voltage (2.7 to 5.5 V),
low power, high speed (30/33 MHz)
2003 Jan 24
3
FEATURES
• 80C51 Central Processing Unit
– 4 kbytes ROM/EPROM (P80/P87C51X2)
– 8 kbytes ROM/EPROM (P80/P87C52X2)
– 16 kbytes ROM/EPROM (P80/P87C54X2)
– 32 kbytes ROM/EPROM (P80/P87C58X2)
– 128 byte RAM (P80/P87C51X2 and P80C31X2)
– 256 byte RAM (P80/P87C52/54X2/58X2 and P80C32X2)
– Boolean processor
– Fully static operation
– Low voltage (2.7 V to 5.5 V at 16 MHz) operation
• 12-clock operation with selectable 6-clock operation (via software
or via parallel programmer)
• Memory addressing capability
– Up to 64 kbytes ROM and 64 kbytes RAM
• Power control modes:
– Clock can be stopped and resumed
– Idle mode
– Power-down mode
• CMOS and TTL compatible
• Two speed ranges at V
CC = 5 V
– 0 to 30 MHz with 6-clock operation
– 0 to 33 MHz with 12-clock operation
• PLCC, DIP, TSSOP or LQFP packages
• Extended temperature ranges
• Dual Data Pointers
• Security bits:
– ROM (2 bits)
– OTP (3 bits)
• Encryption array - 64 bytes
• Four interrupt priority levels
• Six interrupt sources
• Four 8-bit I/O ports
• Full-duplex enhanced UART
– Framing error detection
– Automatic address recognition
• Three 16-bit timers/counters T0, T1 (standard 80C51) and
additional T2 (capture and compare)
• Programmable clock-out pin
• Asynchronous port reset
• Low EMI (inhibit ALE, slew rate controlled outputs, and 6-clock
mode)
• Wake-up from Power Down by an external interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com