| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADPA1122-EVALZ bảng dữ liệu(PDF) 6 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADPA1122-EVALZ bảng dữ liệu(HTML) 6 Page - Analog Devices |
|
6 / 17 page ![]() Data Sheet ADPA1122 PIN CONFIGURATION AND FUNCTION DESCRIPTIONS analog.com Rev. 0 | 6 of 17 Figure 2. Pin Configuration Table 7. Pin Function Descriptions Pin No. Mnemonic Description 1, 2, 3, 12, 13 VDD3A, VDD2A, VDD1, VDD2B, VDD3B Power Supply Voltage for the Power Amplifier. First, second, and third stage drain bias. See Figure 3 for the interface schematic. 4 VGG1 Gate Bias Voltage. See Figure 4 for the interface schematic. 5, 9, 11, 14 NIC Not Internally Connected. The NIC pins are not connected internally. However, all data shown was measured with the NIC pins connected to RF and dc ground externally. 6, 8, 15, 17 GND Ground. The GND pins must be connected to RF and dc ground. See Figure 5 for the interface schematic. 7 RFIN RF Input. The RFIN pin is ac-coupled in the signal path and is matched to 50 Ω. See Figure 6 for the interface schematic. If the RFIN pin is externally connected to a DC bias level other than 0 V, ac-couple the RFIN pin externally because of the internal DC path to ground. 10 VREF Reference Diode for Temperature Compensation of VDET RF POUT Measurements. See Figure 8 for the interface schematic. 16 RFOUT RF Output. The RFOUT pin is ac-coupled and is matched to 50 Ω. See Figure 7 for the interface schematic. 18 VDET Detector Diode to Measure RF POUT. POUT detection via the VDET pin requires the application of a DC bias voltage through an external series resistor. Used in combination with the VREF pin, the difference voltage (VREF voltage (VREF) − VDET voltage (VDET)) is a temperature compensated DC voltage that is proportional to the RF POUT. See Figure 9 for the interface schematic. EPAD Exposed Pad. The exposed pad must be connected to RF and dc ground. |