công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P80C51X2 bảng dữ liệu(PDF) 34 Page - NXP Semiconductors

tên linh kiện P80C51X2
Giải thích chi tiết về linh kiện  80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128B/256B RAM low voltage 2.7 to 5.5 V, low power, high speed 30/33 MHz
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P80C51X2 bảng dữ liệu(HTML) 34 Page - NXP Semiconductors

Back Button P80C51X2 Datasheet HTML 30Page - NXP Semiconductors P80C51X2 Datasheet HTML 31Page - NXP Semiconductors P80C51X2 Datasheet HTML 32Page - NXP Semiconductors P80C51X2 Datasheet HTML 33Page - NXP Semiconductors P80C51X2 Datasheet HTML 34Page - NXP Semiconductors P80C51X2 Datasheet HTML 35Page - NXP Semiconductors P80C51X2 Datasheet HTML 36Page - NXP Semiconductors P80C51X2 Datasheet HTML 37Page - NXP Semiconductors P80C51X2 Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 62 page
background image
Philips Semiconductors
Product data
P80C3xX2; P80C5xX2;
P87C5xX2
80C51 8-bit microcontroller family
4K/8K/16K/32K ROM/OTP, low voltage (2.7 to 5.5 V),
low power, high speed (30/33 MHz)
2003 Jan 24
34
EX0
Enable Bit = 1 enables the interrupt.
Enable Bit = 0 disables it.
BIT
SYMBOL
FUNCTION
IE.7
EA
Global disable bit. If EA = 0, all interrupts are disabled. If EA = 1, each interrupt can be individually
enabled or disabled by setting or clearing its enable bit.
IE.6
—
Not implemented. Reserved for future use.
IE.5
ET2
Timer 2 interrupt enable bit.
IE.4
ES
Serial Port interrupt enable bit.
IE.3
ET1
Timer 1 interrupt enable bit.
IE.2
EX1
External interrupt 1 enable bit.
IE.1
ET0
Timer 0 interrupt enable bit.
IE.0
EX0
External interrupt 0 enable bit.
SU01522
ET0
EX1
ET1
ES
ET2
—
EA
0
1
2
3
4
5
6
7
IE
Address = 0A8H
Bit Addressable
Reset Value = 0X000000B
Figure 22. Interrupt Enable (IE) Register
PX0
Priority Bit = 1 assigns higher priority
Priority Bit = 0 assigns lower priority
BIT
SYMBOL
FUNCTION
IP.7
—
Not implemented, reserved for future use.
IP.6
—
Not implemented, reserved for future use.
IP.5
PT2
Timer 2 interrupt priority bit.
IP.4
PS
Serial Port interrupt priority bit.
IP.3
PT1
Timer 1 interrupt priority bit.
IP.2
PX1
External interrupt 1 priority bit.
IP.1
PT0
Timer 0 interrupt priority bit.
IP.0
PX0
External interrupt 0 priority bit.
SU01523
PT0
PX1
PT1
PS
PT2
—
—
0
1
2
3
4
5
6
7
IP
Address = 0B8H
Bit Addressable
Reset Value = xx000000B
Figure 23. Interrupt Priority (IP) Register
PX0H
Priority Bit = 1 assigns higher priority
Priority Bit = 0 assigns lower priority
BIT
SYMBOL
FUNCTION
IPH.7
—
Not implemented, reserved for future use.
IPH.6
—
Not implemented, reserved for future use.
IPH.5
PT2H
Timer 2 interrupt priority bit high.
IPH.4
PSH
Serial Port interrupt priority bit high.
IPH.3
PT1H
Timer 1 interrupt priority bit high.
IPH.2
PX1H
External interrupt 1 priority bit high.
IPH.1
PT0H
Timer 0 interrupt priority bit high.
IPH.0
PX0H
External interrupt 0 priority bit high.
SU01524
PT0H
PX1H
PT1H
PSH
PT2H
—
—
0
1
2
3
4
5
6
7
IPH
Address = B7H
Bit Addressable
Reset Value = xx000000B
Figure 24. Interrupt Priority HIGH (IPH) Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com