| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
83C652 bảng dữ liệu(PDF) 5 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
83C652 bảng dữ liệu(HTML) 5 Page - NXP Semiconductors |
|
5 / 25 page ![]() Phlips Semiconductors Product specification 80C652/83C652 CMOS single-chip 8-bit microcontrollers 1996 Aug 15 5 TEMPERATURE RANGE ( °C) FREQ EPROM2 Drawing Number AND PACKAGE MHz1,2 S87C652-4N40 SOT129-1 0 to +70, Plastic Dual In-line Package 16 S87C652-4F40 0590B 0 to +70, Ceramic Dual In-line Package w/Window 16 S87C652-4A44 SOT187-2 0 to +70, Plastic Leaded Chip Carrier 16 S87C652-4K44 1472A 0 to +70, Ceramic Leaded Chip Carrier w/Window 16 S87C652-4B44 SOT307-2 0 to +70, Plastic Quad Flat Pack 16 S87C652-5N40 SOT129-1 –40 to +85, Plastic Dual In-line Package 16 S87C652-5F40 0590B –40 to +85, Ceramic Dual In-line Package w/Window 16 S87C652-5A44 SOT187-2 –40 to +85, Plastic Leaded Chip Carrier 16 S87C652-5B44 SOT307-2 –40 to +85, Plastic Quad Flat Pack 16 S87C652-7N40 SOT129-1 0 to +70, Plastic Dual In-line Package 20 S87C652-7F40 0590B 0 to +70, Ceramic Dual In-line Package w/Window 20 S87C652-7A44 SOT187-2 0 to +70, Plastic Leaded Chip Carrier 20 S87C652-7K44 1472A 0 to +70, Ceramic Leaded Chip Carrier w/Window 20 S87C652-8N40 SOT129-1 –40 to +85, Plastic Dual In-line Package 20 S87C652-8F40 0590B –40 to +85, Ceramic Dual In-line Package w/Window 20 S87C652-8A44 SOT187-2 –40 to +85, Plastic Leaded Chip Carrier 20 |