| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BL-R4533 bảng dữ liệu(PDF) 2 Page - Yellow Stone Corp |
|
|
|||||||||||||||||||||||||||||
BL-R4533 bảng dữ liệu(HTML) 2 Page - Yellow Stone Corp |
|
2 / 2 page ![]() L-081 BL-Rxx32R Series L-082 BL-Rxx32T Series L-083 BL-Rxx22U Series L-084 BL-Rxx32W Series L-085 BL-Rxx22Z Series L-086 BL-Rxx33 Series L-087 BL-Rxx33A Series L-088 BL-Rxx34 Series Notes 1.All Dimensions are in millimeters (inches). 2.Tolerance isA0.25mm (.010 ). 1.5(.059) MAX. 2.54 (.10) NOM. 1.0 (.04) MIN. 2.0(.079) 5.0(.197) 0.5(.02) SQ. TYP. 25.4(1.0) MIN. 6.8(.268) 1.9(.075) 5.05(.198) MIN. (.10) NOM. 2.54 MAX. 2.4(.094) 1.0(.04) 2.4(.094) 4.9(.193) 8.6(.339) 0.5(.02) SQ. TYP. 1.5(.059) 25.4(1.0) MIN. 5.0(.197) NOM. MIN. 3.2(.126) 2.0(.079) 3.0(.118) 1.0(.039) 25.4(1.00) MIN. 2.54(.100) 1.5(.059) MAX. 3.8(.150) 0.5(.020) SQ.TYP. 3.5(.138) 1.2(.047) MIN. NOM. 4.0(.157) 2.0(.079) 3.7(.146) 3.5(.138) 2.5(.098) 1.0(.039) 25.4(1.00) MIN. 3.1(.122) 2.54(.100) 1.5(.059) MAX. 4.0(.157) 0.5(.020) SQ.TYP. 2.2(.087) 0.5(.02) SQ. TYP. 1.95(.077) 2.29 (.090) NOM. MIN. 1.0(.04) 0.8(.031) 7.8(.307) 12.7(.500) MIN. MAX. 1.5(.059) 0.7(.028) 1.3(.051) 4.9(.193) 5.0(.197) 1.9(.075) 2.8(.110) 5.03(.20) 2.0(.079) 0.7(.028) SQ. TYP. 1.5(.059)MAX. 2.54 (.10) NOM. 1.0(.039) MIN. 0.5(.02) SQ. TYP. 25.4(1.0) MIN. 5.03(.20) 0.5(.020) 2.8(.110) 2.8(.110) 1.9(.075) 6.5(.256) 4.9(.193) NOM. 3.9(.154) 1.0(.039) MIN. 25.4(1.00) MIN. 2.54(.100) 3.3(.130) 3.7(.146) 1.5(.059) MAX. 3.7(.146) 1.8(.071) 2.7(.106) 0.5(.020) SQ.TYP. 1.4(.055) 2.7(.106) NOM. MIN. 4.8(.189) 1.0(.039) 2.29(.090) 1.5(.059) MAX. 2.5(.098) 4.8(.189) 0.5(.020) SQ.TYP. 12.7(.500) MIN. 4.5(.177) 2.3(.09) 2.5(.098) Yellow Stone corp. www.ystone.com.tw 886-2-28221522 FAX:886-2-28202309 YELLOW STONE CORP. Specifications subject to change without notice. |