công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M95P16-IXMCT/EF bảng dữ liệu(PDF) 6 Page - STMicroelectronics

tên linh kiện M95P16-IXMCT/EF
Giải thích chi tiết về linh kiện  Ultra low power 16 Mbit serial SPI page EEPROM with dual and quad outputs
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95P16-IXMCT/EF bảng dữ liệu(HTML) 6 Page - STMicroelectronics

Back Button M95P16-IXMCT/EF Datasheet HTML 2Page - STMicroelectronics M95P16-IXMCT/EF Datasheet HTML 3Page - STMicroelectronics M95P16-IXMCT/EF Datasheet HTML 4Page - STMicroelectronics M95P16-IXMCT/EF Datasheet HTML 5Page - STMicroelectronics M95P16-IXMCT/EF Datasheet HTML 6Page - STMicroelectronics M95P16-IXMCT/EF Datasheet HTML 7Page - STMicroelectronics M95P16-IXMCT/EF Datasheet HTML 8Page - STMicroelectronics M95P16-IXMCT/EF Datasheet HTML 9Page - STMicroelectronics M95P16-IXMCT/EF Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 63 page
background image
2.2
Memory map
The memory array is divided into 4096 erasable pages of 512 bytes, and is organized either as 512 erasable
sectors of 4 Kbytes, 32 erasable blocks of 64 Kbytes, or as an entirely erasable array.
The device offers two additional (identification) 512-byte pages. The first contains identification data and, upon
request, the UID. The second page can be used to store sensitive application parameters that can (later) be
permanently locked in Read-only mode.
The device features a memory protection scheme with block granularity coded in four non-volatile bits of the
status register.
The memory array configuration is organized as:
•
2097152 bytes
•
32 blocks of 64 Kbytes, or 512 sectors of 4 Kbytes, or 4096 pages of 512 bytes, hence:
–
each block contains 16 sectors
–
each sector contains 8 pages
–
each page contains 512 bytes
See the address range in Table 2.
M95P16-I M95P16-E
Memory map
DS13710 - Rev 1
page 6/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63