công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LSM6DS3TR-C bảng dữ liệu(PDF) 38 Page - STMicroelectronics

tên linh kiện LSM6DS3TR-C
Giải thích chi tiết về linh kiện  iNEMO inertial module always-on 3D accelerometer and 3D gyroscope
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS3TR-C bảng dữ liệu(HTML) 38 Page - STMicroelectronics

Back Button LSM6DS3TR-C Datasheet HTML 34Page - STMicroelectronics LSM6DS3TR-C Datasheet HTML 35Page - STMicroelectronics LSM6DS3TR-C Datasheet HTML 36Page - STMicroelectronics LSM6DS3TR-C Datasheet HTML 37Page - STMicroelectronics LSM6DS3TR-C Datasheet HTML 38Page - STMicroelectronics LSM6DS3TR-C Datasheet HTML 39Page - STMicroelectronics LSM6DS3TR-C Datasheet HTML 40Page - STMicroelectronics LSM6DS3TR-C Datasheet HTML 41Page - STMicroelectronics LSM6DS3TR-C Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 115 page
background image
Digital interfaces
LSM6DS3TR-C
38/115
DocID030071 Rev 3
6
Digital interfaces
6.1
I2C/SPI interface
The registers embedded inside the LSM6DS3TR-C may be accessed through both the I2C
and SPI serial interfaces. The latter may be SW configured to operate either in 3-wire or 4-
wire interface mode.
The serial interfaces are mapped onto the same pins. To select/exploit the I2C interface, the
CS line must be tied high (i.e connected to Vdd_IO).
6.2
Master I2C
If the LSM6DS3TR-C is configured in Mode2, a master I2C line is available. The master
serial interface is mapped in the following dedicated pins.
Table 10. Serial interface pin description
Pin name
Pin description
CS
SPI enable
I2C/SPI mode selection (1: SPI idle mode / I2C communication enabled;
0: SPI communication mode / I2C disabled)
SCL/SPC
I2C Serial Clock (SCL)
SPI Serial Port Clock (SPC)
SDA/SDI/SDO
I2C Serial Data (SDA)
SPI Serial Data Input (SDI)
3-wire Interface Serial Data Output (SDO)
SDO/SA0
SPI Serial Data Output (SDO)
I2C less significant bit of the device address
Table 11. Master I2C pin details
Pin name
Pin description
MSCL
I2C serial clock master
MSDA
I2C serial data master
MDRDY
I2C master external synchronization signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com