| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IIS2ICLX bảng dữ liệu(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
IIS2ICLX bảng dữ liệu(HTML) 7 Page - STMicroelectronics |
|
7 / 119 page ![]() 3 Pin description Figure 4. Pin connections X Y (TOP VIEW) DIRECTION OF THE DETECTABLE ACCELERATIONS 1 TOP VIEW 2 1 16 15 3 14 13 12 11 4 10 9 8 7 6 5 3.1 Pin connections The IIS2ICLX offers flexibility to connect the pins in order to have two different mode connections and functionalities. In detail: • Mode 1: I²C slave interface or SPI (3- and 4-wire) serial interface is available. • Mode 2: I²C slave interface or SPI (3- and 4-wire) serial interface and I²C interface master for external sensor connections are available. Figure 5. IIS2ICLX connection modes HOST IIS2ICLX HOST IIS2ICLX LSM6DSM LSM6DSM External sensors I2C / SPI (3/4-w) I2C / SPI (3/4-w) Master I2C Mode 1 Mode 2 IIS2ICLX Pin description DS13005 - Rev 7 page 7/119 |