| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CLT03-2Q3 bảng dữ liệu(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
CLT03-2Q3 bảng dữ liệu(HTML) 13 Page - STMicroelectronics |
|
13 / 24 page ![]() 8 Simplified application schematic Table 8. Configuration compatibility of CLT03 series Symbol High Side Low Side Isolated Yes Yes Non-isolated Yes No Each circuit given in this section is given for 1 channel only. For each circuit, the test pulse feature is disabled. In order to activate the test pulse feature, a capacitor must be added between TP and OUTN (see Section 6 Test pulse feature description). Figure 11. High side - isolated configuration - test pulse not activated CLT03-2Q3, CLT03-1SC3 Simplified application schematic DS12302 - Rev 13 page 13/24 |