| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ASM330LHB bảng dữ liệu(PDF) 130 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ASM330LHB bảng dữ liệu(HTML) 130 Page - STMicroelectronics |
|
130 / 131 page ![]() List of figures Figure 1. Generic state machine............................................................... 4 Figure 2. State machine in the ASM330LHB ...................................................... 5 Figure 3. Machine learning core in the ASM330LHB ................................................. 6 Figure 4. Pin connections ................................................................... 7 Figure 5. SPI slave timing diagram (in mode 3) ................................................... 13 Figure 6. I²C slave timing diagram ............................................................ 14 Figure 7. Reference design - block diagram, I²C communication protocol.................................. 18 Figure 8. Reference design - block diagram, SPI4 communication protocol ................................ 18 Figure 9. Read and write protocol (in mode 3) .................................................... 21 Figure 10. SPI read protocol (in mode 3) ......................................................... 22 Figure 11. Multiple byte SPI read protocol (2-byte example) (in mode 3) ................................... 22 Figure 12. SPI write protocol (in mode 3)......................................................... 23 Figure 13. Multiple byte SPI write protocol (2-byte example) (in mode 3) ................................... 23 Figure 14. SPI read protocol in 3-wire mode (in mode 3) .............................................. 24 Figure 15. I²C and I3C both active (INT1 pin not connected) ........................................... 27 Figure 16. Only I3C active (INT1 pin connected to Vdd_IO) ............................................ 27 Figure 17. Block diagram of filters ............................................................. 29 Figure 18. Gyroscope filtering chain ............................................................ 30 Figure 19. Accelerometer chain ............................................................... 31 Figure 20. Accelerometer composite filter ........................................................ 31 Figure 21. ASM330LHB electrical connections ..................................................... 35 Figure 22. Accelerometer block diagram ......................................................... 54 Figure 23. LGA-14L 2.5 x 3.0 x 0.86 mm package outline and mechanical data ..............................116 Figure 24. Carrier tape information for LGA-14 package ..............................................117 Figure 25. LGA-14 package orientation in carrier tape................................................117 Figure 26. Reel information for carrier tape of LGA-14 package .........................................118 ASM330LHB List of figures DS13773 - Rev 7 page 130/131 |