công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ASMB-935 bảng dữ liệu(PDF) 1 Page - Advantech Co., Ltd.

tên linh kiện ASMB-935
Giải thích chi tiết về linh kiện  Dual LGA3647-P0 Intel® Xeon® Scalable EATX Server Board with 24 DDR4, 5 PCIe x16 1 PCIe x8, 10 SATA3.0, 6 USB3.0, Dual 10GbE, IPMI
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ADVANTECH [Advantech Co., Ltd.]
Trang chủ  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ASMB-935 bảng dữ liệu(HTML) 1 Page - Advantech Co., Ltd.

  ASMB-935 Datasheet HTML 1Page - Advantech Co., Ltd. ASMB-935 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Server Boards
Features
ƒ
EATX server board with dual Xeon Scalable processors
ƒ
DDR4 2933 MHz RDIMM up to 3TB, support Intel Optane DC Persistent
Memory
ƒ
Five PCIe x16 (Gen3) and one PCIe x8 (Gen3) for three double-deck cards
ƒ
Intel® X557-AT2 dual 10GbE ports
ƒ
Ten SATA3.0 and six USB3.0 ports
ƒ
One M.2 2280 (SATA / PCIe compatible)
ƒ
0 ~ 40 °C ambient operating temperature range
Dual LGA3647-P0 Intel® Xeon® Scalable
EATX Server Board with 24 DDR4,
5 PCIe x16 + 1 PCIe x8, 10 SATA3.0,
6 USB3.0, Dual 10GbE, IPMI
Specifications
Form Factor
EATX form factor
Processor System
Socket
Intel LGA3647
CPU type
Intel Xeon 1st and 2nd Gen Scalable dual processors (CPU cooler should be purchased separately and TDP up to 205W)
Core Logic
Chipset
Intel C620 Series
Memory
Total slots
24 (2 DIMM per channel)
Capacity
Maximum 3TB ECC LRDIMM
Maximum 3TB ECC 3DS RDIMM
Maximum 2TB Intel Optane DC Persistent Memory in memory mode
Memory type
DDR4 2133/2400/2666MHz RDIMM, LRDIMM (2DPC)
DDR4 2133/2400/2666/2933MHz RDIMM, LRDIMM (1DPC)
Memory size
4GB, 8GB, 16GB, 32GB, 64GB, 128GB
Expansion Slots
Total PCIe slots
6
Slot location 1
1 x PCIe x16 slot (x16 link), signal from CPU1
Slot location 2
1 x PCIe x16 slot (x16 link), signal from CPU1
Slot location 3
1 x PCIe x16 slot (x16 link), signal from CPU0
Slot location 4
1 x PCIe x8 slot (x8 link), signal from CPU0
Slot location 5
1 x PCIe x16 slot (x16 link), signal from CPU1
Slot location 6
1 x PCIe x16 slot (x16 link), signal from CPU0
Graphics
VGA
ASPEED AST2500/2510
Storage
SATA controller
Intel C621/C622: 10 x SATA3.0 (6 Gb/s) support software RAID 0,1,5,10
SAS controller
-
Networking
GbE/10GbE LAN
2 x Intel I210AT + Intel X557-AT2 (dual 10GbE ports for ASMB-935T2 sku only)
Onboard I/O Connector
PSU connector
24-pin SSI power connector + 3 x 8-pin SSI 12 V power connector
USB connector
4 x USB2.0 ports (two onboard headers) + 2 x USB3.0 ports (one onboard headers) + 1 x Type-A USB2.0 port
Fan header
7 x 4pin (5 for system + 2 for CPU)
M.2
1 x M.2 2280 B+M key (SATA and PCIe)
SMBus
1
Chassis intruder
1
Front LAN LED
1
Audio Header
1
PS/2 Keyboard/Mouse header
1
Serial port header
1
Rear I/O Connector
External serial port
1
External USB port
4 (USB3.0)
VGA port
1
RJ-45
4 (LAN2 and LAN3 shared with BMC)
PS/2 Keyboard/Mouse
-
Infiniband
-
Management Solution
Software
-
Out of band remote management
Yes
Monitoring
CPU temperature
Yes
System Monitoring
Yes
Watchdog Timer
Output
System reset
Interval
Programmable 1 ~ 255 sec/min
Power Requirement
Power On
3.3V
5V
12V
5Vsb
-12V
12V_8P_0
12V_8P_1
(205W CPU@2.5GHz DDR4 2400 32G*24)
6.77A
5.11A
0.04A
0.17A
0.01A
21.49A
23.19A
Environment
Operating
Non-operating
Temperature
0 ~ 40 °C, depends on CPU speed and cooler solution
-40 ~ 85 °C
Humidity
10% ~ 95%
10% ~ 95% (Non condensing)
Physical Characteristics
Dimension (L x H)
304.8 x 330.2 mm (12" x 13")
ASMB-935
All product specifications are subject to change without notice.
Last updated: 17-Feb-2022


Số phần tương tự - ASMB-935

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Advantech Co., Ltd.
ASMB-913 ADVANTECH-ASMB-913 Datasheet
707Kb / 2P
Dual LGA 2011-R3 Intel짰 Xeon짰 E5-2600 v3/v4 EATX Server Board with 16 DDR4 DIMM, 3 PCIe x16, 6 USB 3.0, PME support, IPMI
25-Jan-2018
ASMB-913-00A1E ADVANTECH-ASMB-913-00A1E Datasheet
755Kb / 2P
Dual LGA 2011-R3 Intel Xeon짰 E5-2600 v3 EATX Server Board with 16 x DDR4 DIMM,3 PCIe x16, 6 USB 3.0, PME support
ASMB-913-00A1E ADVANTECH-ASMB-913-00A1E Datasheet
707Kb / 2P
Dual LGA 2011-R3 Intel짰 Xeon짰 E5-2600 v3/v4 EATX Server Board with 16 DDR4 DIMM, 3 PCIe x16, 6 USB 3.0, PME support, IPMI
25-Jan-2018
ASMB-913I-00A1E ADVANTECH-ASMB-913I-00A1E Datasheet
755Kb / 2P
Dual LGA 2011-R3 Intel Xeon짰 E5-2600 v3 EATX Server Board with 16 x DDR4 DIMM,3 PCIe x16, 6 USB 3.0, PME support
ASMB-913I-00A1E ADVANTECH-ASMB-913I-00A1E Datasheet
707Kb / 2P
Dual LGA 2011-R3 Intel짰 Xeon짰 E5-2600 v3/v4 EATX Server Board with 16 DDR4 DIMM, 3 PCIe x16, 6 USB 3.0, PME support, IPMI
25-Jan-2018
More results

Mô tả tương tự - ASMB-935

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Advantech Co., Ltd.
ASMB-815 ADVANTECH-ASMB-815 Datasheet
852Kb / 2P
LGA 3647-P0 Intel짰 Xeon짰 Scalable ATX Server Board with 6 DDR4, 5 PCIe x8 or 2 PCIe x16 and 1 PCIe x8, 8 SATA3, 6 USB3.0, Dual 10GbE, IPMI
13-Sep-2017
ASMB-825 ADVANTECH-ASMB-825 Datasheet
517Kb / 2P
Dual LGA 3647-P0 Intel짰 Xeon짰 Scalable ATX Server Board with 6 DDR4, 4 PCIe x16 2 PCIe x8, 8 SATA3, 6 USB3.0, Dual 10GbE, IPMI
13-Sep-2017
ASMB-925 ADVANTECH-ASMB-925 Datasheet
469Kb / 2P
Dual LGA3647-P0 Intel짰 Xeon짰 Scalable EATX Server Board with 12 DDR4, 5 PCIe x16 1 PCIe x8 1 PCI, 8 SATA3, 6 USB3.0, Dual 10GbE, IPMI
13-Sep-2017
ASMB-975 ADVANTECH-ASMB-975 Datasheet
470Kb / 2P
Dual LGA 3647-P0 Intel짰 Xeon짰 Scalable Proprietary Server Board with 12 DDR4, 4 PCIe x16 1 PCIe x84 PCIe x4, 14 SATA3, 8 USB3.0, Dual 10GbE, IPMI
22-Sep-2017
ASMB-622 ADVANTECH-ASMB-622 Datasheet
558Kb / 2P
Dual LGA 4189 Intel® Xeon® Scalable Proprietary Server Board with 16 DDR4, 4 PCIe x16, 3 PCIe x8, 1 PCIe x4, 5 SATA3, 4 USB3.0, IPMI
22-Jul-2021
ASMB-805 ADVANTECH-ASMB-805 Datasheet
572Kb / 2P
LGA 2066 Intel® Xeon® W Workstation Motherboard with 8 DDR4, 3 PCIe x16, 6 SATA3, 8 USB3.0, IPMI
29-Nov-2019
ASMB-816 ADVANTECH-ASMB-816 Datasheet
575Kb / 2P
LGA 4189 Intel® 3rd Gen Xeon® Scalable ATX Server Board with 8x DDR4, 3x PCIe x16, 8x SATA 3, 6x USB 3.2 (Gen1), Dual 10GbE, and IPMI
21-Sep-2022
ASMB-927 ADVANTECH-ASMB-927 Datasheet
424Kb / 2P
Dual LGA4677 Intel® 4th Gen Xeon® Scalable EATX Server Board with 16 DDR5, 4 PCIe x16, 9 SATA3.0, 6 USB 3.2 (Gen1), Dual 10GbE, and IPMI
8-Feb-2023
ASMB-976 ADVANTECH-ASMB-976 Datasheet
494Kb / 2P
LGA 4189 Intel® Xeon® Scalable Proprietary Server Board with 16x DDR4, 4 x PCIe x16, 10 x SATA3, 8 x USB 3.2 (Gen 1), Dual 10GbE, and IPMI
5-Dec-2022
ASMB-977 ADVANTECH-ASMB-977 Datasheet
493Kb / 2P
Dual LGA4677 4th Gen Intel® Xeon® Scalable Server Board with 16x DDR5, 5 x PCIe x16, 9 x SATA3, 4 x USB 3.2 (Gen 1), Dual 10GbE, and IPMI
9-Mar-2023
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com