công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT25DF011 bảng dữ liệu(PDF) 25 Page - Renesas Technology Corp

tên linh kiện AT25DF011
Giải thích chi tiết về linh kiện  1-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-Read Support
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25DF011 bảng dữ liệu(HTML) 25 Page - Renesas Technology Corp

Back Button AT25DF011 Datasheet HTML 21Page - Renesas Technology Corp AT25DF011 Datasheet HTML 22Page - Renesas Technology Corp AT25DF011 Datasheet HTML 23Page - Renesas Technology Corp AT25DF011 Datasheet HTML 24Page - Renesas Technology Corp AT25DF011 Datasheet HTML 25Page - Renesas Technology Corp AT25DF011 Datasheet HTML 26Page - Renesas Technology Corp AT25DF011 Datasheet HTML 27Page - Renesas Technology Corp AT25DF011 Datasheet HTML 28Page - Renesas Technology Corp AT25DF011 Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
25
AT25DF011
DS-25DF011–032I–03/2022
Figure 12-4. Resume from Deep Power-Down
12.5 Ultra-Deep Power-Down
The Ultra-Deep Power-Down mode allows the device to further reduce its energy consumption compared to the existing
standby and Deep Power-Down modes by shutting down additional internal circuitry. When the device is in the Ultra-
Deep Power-Down mode, all commands including the Status Register Read and Resume from Deep Power-Down
commands will be ignored. Since all commands will be ignored, the mode can be used as an extra protection mechanism
against inadvertent or unintentional program and erase operations. Entering the Ultra-Deep Power-Down mode is
accomplished by simply asserting the CS pin, clocking in the opcode 79h, and then deasserting the CS pin. Any
additional data clocked into the device after the opcode will be ignored. When the CS pin is deasserted, the device will
enter the Ultra-Deep Power-Down mode within the maximum time of tEUDPD
The complete opcode must be clocked in before the CS pin is deasserted; otherwise, the device will abort the operation
and return to the standby mode once the CS pin is deasserted. In addition, the device will default to the standby mode
after a power cycle. The Ultra-Deep Power-Down command will be ignored if an internally self-timed operation such as a
program or erase cycle is in progress.
Figure 12-5. Ultra-Deep Power-Down
SCK
CS
SI
SO
MSB
ICC
23
1
0
10101011
67
5
4
OPCODE
HIGH-IMPEDANCE
Deep Power-Down Mode Current
Active Current
Standby Mode Current
tRDPD
SCK
CS
SI
SO
MSB
ICC
23
1
0
0
67
5
4
Opcode
High-impedance
Ultra-Deep Power-Down Mode Current
Active Current
Standby Mode Current
tEUDPD
1111001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com