| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TSB41AB2PAP bảng dữ liệu(PDF) 24 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TSB41AB2PAP bảng dữ liệu(HTML) 24 Page - Texas Instruments |
|
24 / 50 page ![]() TSB41AB2, TSB41AB2I IEEE 1394a2000 TWOPORT CABLE TRANSCEIVER/ARBITER SLLS424G − JUNE 2000 − REVISED DECEMBER 2004 24 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 APPLICATION INFORMATION The port status page provides access to configuration and status information for each of the ports. The port is selected by writing 0 to the Page_Select field and the desired port number to the Port_Select field in base register 7. The configuration of the port status page registers is shown in Table 3, and corresponding field descriptions are given in Table 4. If the selected port is unimplemented, all registers in the port status page are read as 0. Table 3. Page 0 (Port Status) Register Configuration ADDRESS BIT POSITION ADDRESS 0 1 2 3 4 5 6 7 1000 Astat Bstat Ch Con Bias Dis 1001 Peer_Speed PIE Fault Reserved 1010 Reserved 1011 Reserved 1100 Reserved 1101 Reserved 1110 Reserved 1111 Reserved |