| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCF2100CT/F1 bảng dữ liệu(PDF) 19 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF2100CT/F1 bảng dữ liệu(HTML) 19 Page - NXP Semiconductors |
|
19 / 25 page ![]() PCF21XXC_FAM All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2015. All rights reserved. Product data sheet Rev. 3 — 6 May 2015 19 of 25 NXP Semiconductors PCF21xxC family LCD drivers Studies have shown that small packages reach higher temperatures during reflow soldering, see Figure 21. For further information on temperature profiles, refer to Application Note AN10365 “Surface mount reflow soldering description”. 16. References [1] AN10365 — Surface mount reflow soldering description [2] AN10853 — ESD and EMC sensitivity of IC [3] AN11267 — EMC and system level ESD design guidelines for LCD drivers [4] IEC 60134 — Rating systems for electronic tubes and valves and analogous semiconductor devices [5] IEC 61340-5 — Protection of electronic devices from electrostatic phenomena [6] IPC/JEDEC J-STD-020D — Moisture/Reflow Sensitivity Classification for Nonhermetic Solid State Surface Mount Devices [7] JESD22-A114 — Electrostatic Discharge (ESD) Sensitivity Testing Human Body Model (HBM) [8] JESD78 — IC Latch-Up Test [9] JESD625-A — Requirements for Handling Electrostatic-Discharge-Sensitive (ESDS) Devices [10] SOT136-1_118 — SO28; Reel dry pack; SMD, 13", packing information [11] SOT158-1_118 — VSO40; Reel pack; SMD, 13", packing information [12] UM10204 — I2C-bus specification and user manual [13] UM10569 — Store and transport requirements MSL: Moisture Sensitivity Level Fig 21. Temperature profiles for large and small components 001aac844 temperature time minimum peak temperature = minimum soldering temperature maximum peak temperature = MSL limit, damage level peak temperature |