| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SAM9X60 bảng dữ liệu(PDF) 22 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
SAM9X60 bảng dữ liệu(HTML) 22 Page - Microchip Technology |
|
22 / 40 page ![]() ...........continued 196-ball BGA rotatethispage90 233-ball BGA Power Rail I/O Type Primary Alternate PIO Peripheral Reset State Signal Dir Signal Dir Func Signal Dir Signal, Dir, PU, PD, HiZ, ST, SEC, FILTER A1, T1, N2, G5, K5, E7, M7, H8, J8, H9, J9, E10, G12, K12, B13, N15, A16, T16 A1, U1, B2, T2, F3, J3, R3, D4, P4, E5, L5, M5, N5, E6, F6, G6, M6, N6, E7, F7, H8, J8, K8, C9, H9, J9, K9, R9, H10, J10, K10, P10, M11, R11, L12, M12, N12, A13, B13, C13, L13, M13, N13, B14, L14, M14, P14, A15, J15, R15, U15, R16, T16, U17 GND ground – – – – – – – – K14 M15 VDDNF power – – – – – – – – J4, J5 K4, L4, F5 VDDIOP0 power – – – – – – – – N5 M3 VDDIOP1 power – – – – – – – – P7 R6 VDDBU power – – – – – – – – E4 C2 VDDANA power – – – – – – – – C4 C3 GNDANA ground – – – – – – – – P10 P11 VDDOUT25 output – – – – – – – – L11, P13 R12, N11 VDDIN33 power – – – – – – – – M10, R13 P7, N7 GNDIN33 ground – – – – – – – – |